Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX11LHG Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CX11LHG
Description  High Shock, Ultra Low Profile, Ultra-Miniature AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX11LHG Datasheet(HTML) 1 Page - STATEK CORPORATION

  CX11LHG Datasheet HTML 1Page - STATEK CORPORATION CX11LHG Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CX11LHG AT CRYSTAL
16 MHz to 50 MHz
High Shock, Ultra Low Profile, Ultra-Miniature
AT Quartz Crystal
DESCRIPTION
CX11LHG is a high performance quartz crystal designed
to survive the most extreme shock and high vibration
application environments. Low acceleration sensitivity and
low aging performance meets the most demanding
requirements. Available with tight calibration tolerances
and high stability over temperature.
FEATURES
Mechanical shock survivability up to 75,000 g
Ultra-low profile - typical height of 0.5 mm
Low acceleration sensitivity available
Hermetically sealed ceramic package
Excellent aging characteristics
Full military testing available
Designed, manufactured and tested in the USA
APPLICATIONS
Industrial & Communications
Down-hole Data Recorder
Process Control
Environmental Control
Engine Control
Telemetry
Ruggedized Instrumentation
Automotive Control
Military & Aerospace
Smart Munitions
Timing Devices (Fuzes)
Surveillance Devices
Missile Telemetry
Ruggedized Communications
Aviation Equipment
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
SUGGESTED LAND PATTERN
10193 Rev A
THICKNESS (DIM C)
Termination
Typical
Maximum
inches
mm
inches
mm
SM1
0.020
0.51
0.023
0.59
SM2/SM4
0.021
0.53
0.024
0.60
SM3/SM5
0.023
0.58
0.025
0.63
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A0.127
3.20
0.135
3.43
B0.060
1.50
0.068
1.73
Csee below
D0.028
0.71
0.037
0.94
PACKAGE DIMENSIONS
0.071
0.099 (2.51)
0.039 (0.99)
Inches (mm)
0.059


Similar Part No. - CX11LHG

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
CX11LHG EUROQUARTZ-CX11LHG Datasheet
181Kb / 1P
Frequency Range 16MHz to 50MHz
More results

Similar Description - CX11LHG

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX6SMAT STATEK-CX6SMAT Datasheet
64Kb / 2P
Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX9SM STATEK-CX9SM Datasheet
59Kb / 2P
Low Profile, Ultra-Miniature Surface Mount AT Quartz Crystal
CX4HGSM STATEK-CX4HGSM Datasheet
65Kb / 2P
High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX14SM STATEK-CX14SM Datasheet
198Kb / 2P
Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
CX3HGSM STATEK-CX3HGSM_09 Datasheet
137Kb / 2P
High Shock, Low Profile, Miniature Surface Mount AT Quartz Crystal
CX6SM STATEK-CX6SM_08 Datasheet
160Kb / 2P
Ultra-Low Profile Miniature Surface Mount AT Quartz Crystal
CX-1 STATEK-CX-1_11 Datasheet
77Kb / 2P
High Shock Miniature Surface Mount AT Quartz Crystal
CX4HGSM STATEK-CX4HGSM_12 Datasheet
80Kb / 2P
High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX9 STATEK-CX9 Datasheet
182Kb / 2P
Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
CX17 STATEK-CX17 Datasheet
161Kb / 2P
Ultra-Miniature, Ultra-Low Profile Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com