Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8351601L-40 Datasheet(PDF) 13 Page - AMIC Technology

Part # A8351601L-40
Description  Bar Code Reader
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A8351601L-40 Datasheet(HTML) 13 Page - AMIC Technology

Back Button A8351601L-40 Datasheet HTML 9Page - AMIC Technology A8351601L-40 Datasheet HTML 10Page - AMIC Technology A8351601L-40 Datasheet HTML 11Page - AMIC Technology A8351601L-40 Datasheet HTML 12Page - AMIC Technology A8351601L-40 Datasheet HTML 13Page - AMIC Technology A8351601L-40 Datasheet HTML 14Page - AMIC Technology A8351601L-40 Datasheet HTML 15Page - AMIC Technology A8351601L-40 Datasheet HTML 16Page - AMIC Technology A8351601L-40 Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
A8351601 Series
(July, 2002, Version 1.0)
12
AMIC Technology, Inc.
PWM1:
Pulse Width Modulation 1 Register. Not Bit Addressable.
7
6
5
4
3
2
1
0
-
PWM1.6
PWM1.5
PWM1.4
PWM1.3
PWM1.2
PWM1.1
PWM1.0
Register Description:
PWM1.7
PWM4 output control. Set/Clear by specify 75% duty/67% duty.
PWM1.6
PWM1 frequency control bit. Set/Cleared by specify half/normal PWM1 frequency.
PWM1.5
PWM1 cycle control bit.
PWM1.4
PWM1 cycle control bit.
PWM1.3
PWM1 cycle control bit.
PWM1.2
PWM1 cycle positive edge width control bit.
PWM1.1
PWM1 cycle positive edge width control bit.
PWM1.0
PWM1 cycle positive edge width control bit.
Note:
PWM1
PWM3
PWM4
Delay 4~11 CLK
T3
3072 T3(PWM1.7:1)/2048 T3(PWM1.7:0)
1024 T3
Xtal frequency = 14.7456MHz
Bit<5:3>
0
1
2
3
4
5
6
7
T1
1.017us
1.695us
2.373us
3.051us
3.729us
4.407us
5.085us
5.763us
Bit<2:0>
0
1
2
3
4
5
6
7
T2
542.4ns
67.8ns
135.6ns
203.4ns
271.2ns
339ns
406.8ns
474.6ns
T2
T1


Similar Part No. - A8351601L-40

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A83516 AMICC-A83516 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-12 AMICC-A83516-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-24 AMICC-A83516-24 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516-40 AMICC-A83516-40 Datasheet
270Kb / 12P
   8 Bit Microcontroller
A83516L-12 AMICC-A83516L-12 Datasheet
270Kb / 12P
   8 Bit Microcontroller
More results

Similar Description - A8351601L-40

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HBSW-8000 HP-HBSW-8000 Datasheet
164Kb / 5P
   Hewlett-Packard SmartWand Bar Code Reader
HBCS-7100 HP-HBCS-7100 Datasheet
156Kb / 6P
   Industrial Digital Bar Code Slot Reader
HBCS-A998 HP-HBCS-A998 Datasheet
197Kb / 3P
   Bar Code Reader Tips and Optical Nest Assembly
logo
Festo Corporation.
2930233 FESTO-2930233 Datasheet
84Kb / 2P
   Code Reader
8058723 FESTO-8058723 Datasheet
83Kb / 2P
   Code Reader
2930239 FESTO-2930239 Datasheet
83Kb / 2P
   Code Reader
2930240 FESTO-2930240 Datasheet
83Kb / 2P
   Code Reader
2930232 FESTO-2930232 Datasheet
84Kb / 2P
   Code Reader
2930237 FESTO-2930237 Datasheet
83Kb / 2P
   Code Reader
8058715 FESTO-8058715 Datasheet
84Kb / 2P
   Code Reader
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com