Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

611230 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 611230
Description  PHASE LOCKED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

611230 Datasheet(HTML) 1 Page - API Technologies Corp

  611230 Datasheet HTML 1Page - API Technologies Corp 611230 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -20 ºC to +70 ºC
Frequency (MHz)
1600
1600
Supply Power DC
15
15
mA
150
160
PHASE LOCKED OSCILLATOR
MODEL 611230 (1600 MHz)
VSWR
1.5
2.0
Spurious (dBc)
-70
-60
Output Power (dBm)
+10
+9
Specifications
Features
!
!
!
!
! Low Phase Noise: -133 dBc/Hz @ 100 kHz
!
!
!
!
! Low Spurious: -70 dBc Typical
!
!
!
!
! Internal Reference Design
!
!
!
!
! Environmental Screening Available
Harmonics (dBc)
-25
-20
Lock Indicator
TTL (High=Locked)
TTL (Low=Unlocked)
Storage Temperature
-55 ºC
+125 ºC
Spectrum Microwave, Inc.
2707 Black Lake Place Phila, Pa. 19154
www.SpectrumMicrowave.com
PH: 215-464-4000 FAX: 215-464-4001
Rev.
9/22/08
Description
Spectrum Microwave’s Series 600 Phase Locked
Oscillators use a High “Q” Coaxial Resonator in
the resonant circuit. The circuit is lightly loaded to
obtain the lowest phase noise possible.
The resonator is soldered to a printed circuit
board and well grounded to minimize modulation
sidebands during shock and vibration.
Buffer amplifiers are used to provide isolation
from load VSWRs; Regulators filter noise on
the DC input voltage.
External reference models are also available.
A lock indicator circuit is provided to signal an
out-of-lock condition.
Phase Noise (dB)
-86 dBc/Hz @ 100 Hz
-115 dBc/Hz @ 1 kHz
-123 dBc/Hz @ 10 kHz
-121 dBc/Hz @ 30 kHz
-133 dBc/Hz @ 100 kHz
-144 dBc/Hz @ 1 MHz
Stability (ppm)
+1
+15
Variation Over
Temperature (dBm)
+0.75
+1


Similar Part No. - 611230

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
611230 SPECTRUM-611230 Datasheet
78Kb / 2P
   PHASE LOCKED OSCILLATOR
More results

Similar Description - 611230

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
626106 SPECTRUM-626106 Datasheet
87Kb / 2P
   PHASE LOCKED OSCILLATOR
logo
API Technologies Corp
611233 APITECH-611233 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611228 APITECH-611228 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611225 APITECH-611225 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611222 APITECH-611222 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
611219 APITECH-611219 Datasheet
79Kb / 2P
   PHASE LOCKED OSCILLATOR
612110 APITECH-612110 Datasheet
93Kb / 2P
   PHASE LOCKED OSCILLATOR
621515 APITECH-621515 Datasheet
81Kb / 2P
   PHASE LOCKED OSCILLATOR
621512 APITECH-621512 Datasheet
80Kb / 2P
   PHASE LOCKED OSCILLATOR
621511 APITECH-621511 Datasheet
80Kb / 2P
   PHASE LOCKED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com