Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A420616 Datasheet(PDF) 6 Page - AMIC Technology

Part # A420616
Description  1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A420616 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A420616 Datasheet HTML 2Page - AMIC Technology A420616 Datasheet HTML 3Page - AMIC Technology A420616 Datasheet HTML 4Page - AMIC Technology A420616 Datasheet HTML 5Page - AMIC Technology A420616 Datasheet HTML 6Page - AMIC Technology A420616 Datasheet HTML 7Page - AMIC Technology A420616 Datasheet HTML 8Page - AMIC Technology A420616 Datasheet HTML 9Page - AMIC Technology A420616 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
A420616 Series
PRELIMINARY
(June, 2002, Version 0.2)
5
AMIC Technology, Inc.
Absolute Maximum Ratings*
Input Voltage (Vin) . . . . . . . . . . . . . . . . . . . . –1.0V to +7.0V
Output Voltage (Vout) . . . . . . . . . . . . . . . . . –1.0V to +7.0V
Power Supply Voltage (VCC) . . . . . . . . . . –1.0V to +7.0V
Operating Temperature (TOPR) . . . . . . . . . 0
°C to +70°C
Storage Temperature (TSTG) . . . . . . . . -55
°C to +150°C
Soldering Temperature X Time (TSOLDER) . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C X 10sec
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . . 1W
Short Circuit Output Current (Iout) . . . . . . . . . . . . . 50mA
Latch-up Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200mA
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above
those indicated in the operational sections of these
specification is not implied or intended. Exposure to
the absolute maximum rating conditions for extended
periods may affect device reliability.
DC Electrical Characteristics (VCC = 5.0V
± 10%, VSS = 0V, Ta = 0°C to +70°C or -40°C to +85°C)
-45
-50
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Test Conditions
Notes
IIL
Input Leakage Current
-5
+5
-5
+5
µA
0V
≤ Vin ≤ VCC
Pins not under
Test = 0V
IOL
Output Leakage Current
-5
+5
-5
+5
µA
DOUT disabled,
0V
≤ Vout ≤ VCC
ICC1
Operating Power Supply
Current
-
120
-
115
mA
RAS , UCAS ,LCAS and
Address cycling;
tRC = min.
1, 2
ICC2
TTL Supply Current Supply
Current
-
1.0
-
1.0
mA
RAS = UCAS =LCAS = VIH
ICC3
Average Power Supply
Current, RAS Refresh
Mode
-
120
-
115
mA
RAS and Address cycling,
UCAS =LCAS = VIH,
tRC = min.
1
ICC4
EDO Page Mode Average
Power Supply Current
-
120
-
115
mA
RAS and address = VIL,
UCAS ,LCAS and
Address cycling;
tPC = min.
1, 2
ICC5
CAS -before- RAS Refresh
Power Supply Current
-
120
-
115
mA
RAS and UCAS or
LCAS cycling;
tRC = min.
1
ICC6
CMOS Standby Power
Supply Current
-
1.0
-
1.0
mA
RAS = UCAS =LCAS =
VCC - 0.2V
ICC7
Self Refresh Mode Current
-
1.5
-
1.5
mA
RAS = CAS
≤VSS+0.2V
All other input high levels are
VCC-0.2V or input low levels
are VSS +0.2V
VOH
2.4
-
2.4
-
V
IOUT = -5.0mA
VOL
Output Voltage
-
0.4
-
0.4
V
IOUT = 4.2mA


Similar Part No. - A420616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A420 ETC2-A420 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Similar Description - A420616

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com