Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A420616 Datasheet(PDF) 2 Page - AMIC Technology

Part # A420616
Description  1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A420616 Datasheet(HTML) 2 Page - AMIC Technology

  A420616 Datasheet HTML 1Page - AMIC Technology A420616 Datasheet HTML 2Page - AMIC Technology A420616 Datasheet HTML 3Page - AMIC Technology A420616 Datasheet HTML 4Page - AMIC Technology A420616 Datasheet HTML 5Page - AMIC Technology A420616 Datasheet HTML 6Page - AMIC Technology A420616 Datasheet HTML 7Page - AMIC Technology A420616 Datasheet HTML 8Page - AMIC Technology A420616 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
A420616 Series
Preliminary
1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
PRELIMINARY
(June, 2002, Version 0.2)
1
AMIC Technology, Inc.
Features
n Organization: 1,048,576 words X 16 bits
n Part Identification
- A420616 (1K Ref.)
n Single 5.0V power supply/built-in VBB generator
n Low power consumption
- Operating: 120mA (-45 max)
- Standby: 1.0mA (TTL), 1.0mA (CMOS)
1.5mA (Self-refresh current)
n High speed
- 45/50 ns RAS access time
- 20/22 ns column address access time
- 12/13 ns CAS access time
- 18/20 ns EDO Page Mode Cycle Time
n Industrial operating temperature range: -40
°C to 85°C
for -U
n Fast Page Mode with Extended Data Out
n Separate CAS (UCAS ,LCAS ) for byte selection
n 1K Refresh Cycle in 16ms
n Read-modify-write, RAS -only, CAS -before- RAS ,
Hidden refresh capability
n TTL-compatible, three-state I/O
n JEDEC standard packages
- 400mil, 42-pin SOJ
- 400mil, 44/50 TSOP type II package
General Description
The A420616 is a new generation randomly accessed
memory for graphics, organized in a 1,048,576-word by
16-bit configuration. This product can execute Byte Write
and Byte Read operation via two CAS pins.
The A420616 offers an accelerated Fast Page Mode
Pin Configuration
n
nSOJ
n
n TSOP
VCC
I/O0
I/O1
NC
NC
A1
A2
A3
A4
A5
A6
A7
A8
I/O13
I/O14
I/O15
VSS
23
WE
RAS
I/O12
OE
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
NC
NC
VCC
UCAS
LCAS
NC
I/O8
I/O9
I/O10
I/O11
VSS
20
19
18
12
16
17
13
14
15
11
10
9
8
7
6
5
4
3
2
1
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
VCC
I/O0
I/O1
NC
A0
A1
A2
A4
A5
A6
A7
A8
I/O13
I/O14
I/O15
VSS
24
WE
RAS
I/O12
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
NC
NC
NC
VCC
VSS
LCAS
UCAS
NC
I/O8
I/O9
I/O10
I/O11
VSS
21
20
19
13
17
18
14
15
16
12
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
35
36
37
38
39
40
41
42
43
44
VCC
OE
21
22
VSS
VCC
A0
A9
11
22
23
A3
A9
NC
34
NC
cycle with a feature called Extended Data Out (EDO).
This allow random access of up to 1024 words within a
row at a 56/50 MHz EDO cycle, making the A420616
ideally suited for graphics, digital signal processing and
high performance computing systems.
Pin Descriptions
Symbol
Description
A0 – A9
Address Inputs
I/O0 - I/O15
Data Input/Output
RAS
Row Address Strobe
LCAS
Column Address Strobe for Lower Byte
(I/O0 – I/O7)
UCAS
Column Address Strobe for Upper Byte
(I/O8 – I/O15)
WE
Write Enable
OE
Output Enable
VCC
5.0V Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - A420616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A420 ETC2-A420 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Similar Description - A420616

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Mosel Vitelic, Corp
V53C318165A MOSEL-V53C318165A Datasheet
266Kb / 18P
   3.3 VOLT 1M X 16 EDO PAGE MODE CMOS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16100 ISSI-IS41C16100 Datasheet
123Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com