Electronic Components Datasheet Search |
|
7D431K Datasheet(PDF) 14 Page - World Produts Inc. |
|
|
7D431K Datasheet(HTML) 14 Page - World Produts Inc. |
14 / 65 page Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 12 | Metal Oxide Varistors Standard Dimensions and Lead Modification Options (continued) E Max Dimensions (For Standard Epoxy) Dimensions are in mm (inches) 5E High Energy Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 5E820K 3 .4 ( .13) 1 .2 ( .05) 5E331K 4 .1 ( .16) 2 .4 ( .094) 5E181K 3 .5 ( .138) 1 .5 ( .06) 5E361K 4 .4 ( .17) 2 .5 ( .1) 5E201K 3 .6 ( .14) 1 .6 ( .063) 5E391K 4 .5 ( .18) 2 .7 ( .1) 5E221K 3 .6 ( .14) 1 .6 ( .063) 5E431K 4 .7 ( .185) 2 .9 ( .11) 5E241K 3 .7 ( .145) 1 .8 ( .07) 5E471K 4 .9 ( .19) 3 .6 ( .14) 5E271K 3 .8 ( .15) 2 .0 ( .08) 7E High Energy Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 7E820K 3 .4 ( .13) 1 .2 ( .05) 7E331K 4 .1 ( .16) 2 .4 ( .094) 7E181K 3 .5 ( .138) 1 .5 ( .06) 7E361K 4 .4 ( .17) 2 .5 ( .1) 7E201K 3 .6 ( .14) 1 .6 ( .063) 7E391K 4 .5 ( .18) 2 .7 ( .1) 7E221K 3 .6 ( .14) 1 .6 ( .063) 7E431K 4 .7 ( .185) 2 .9 ( .11) 7E241K 3 .7 ( .145) 1 .8 ( .07) 7E471K 4 .9 ( .19) 3 .6 ( .14) 7E271K 3 .8 ( .15) 2 .0 ( .08) 10E High Energy Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) 10E820K 3 .8 ( .15) 1 .4 ( .055) 10E361K 4 .9 ( .19) 2 .7 ( .1) 10E181K 4 .2 ( .165) 1 .8 ( .07) 10E391K 5 .0 ( .2) 2 .9 ( .11) 10E201K 4 .2 ( .165) 1 .8 ( .07) 10E431K 5 .2 ( .2) 3 .1 ( .12) 10E221K 4 .1 ( .16) 1 .8 ( .07) 10E471K 5 .4 ( .21) 3 .6 ( .14) 10E241K 4 .2 ( .165) 2 .0 ( .08) 10E511K 5 .5 ( .22) *3 .4 ( .13) 10E271K 4 .3 ( .17) 2 .2 ( .087) 10E561K 5 .8 ( .23) *3 .5 ( .138) 10E331K 4 .6 ( .18) 2 .5 ( .1) 10E821K 7 .1 ( .28) *5 .4 ( .2) * Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above . ** For suffix “V” (Extremely High Energy Type) add 0 .1 (0 .004) to “E Max .” E max a |
Similar Part No. - 7D431K |
|
Similar Description - 7D431K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |