Electronic Components Datasheet Search |
|
7D431K Datasheet(PDF) 52 Page - World Produts Inc. |
|
|
7D431K Datasheet(HTML) 52 Page - World Produts Inc. |
52 / 65 page Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 50 | Metal Oxide Varistors 10mm Taping Specifications Item Symbol Straight Leads Outward Crimp Inline Crimp Inward Crimp T36, T19 T7, T18 T1U, T1N T10, T26 T43, T4 T15, T38 T8, T16 T6, T12 Body Diameter D 12 .5 max 12 .5 max 12 .5 max 12 .5 max 12 .5 max 12 .5 max 12 .5 max 12 .5 max Lead Wire Diameter d 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 Pitch of Component P 25 .4 ± 1 25 .4 ± 1 25 .4 ± 1 25 .4 ± 1 25 .4 ± 1 25 .4 ± 1 25 .4 ± 1 25 .4 ± 1 Feed Hole Pitch P0 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 Feed Hole Center to Lead P1 3 .85 ± 0 .7 3 .85 ± 0 .7 3 .85 ± 0 .7 3 .85 ± 0 .7 Lead to Lead Distance (Center to Center) F 7 .5 ± 0 .8 5 .0 ± 0 .8 7 .5 ± 0 .8 5 .0 ± 0 .8 7 .5 ± 0 .8 5 .0 ± 0 .8 7 .5 ± 0 .8 5 .0 ± 0 .8 Component Alignment h 2 .0 max 2 .0 max 2 .0 max 2 .0 max 2 .0 max 2 .0 max 2 .0 max 2 .0 max Basepaper Tape Width W 18 +1/- 0 .5 18 +1/-0 .5 18 +1/- 0 .5 18 +1/-0 .5 18 +1/-0 .5 18 +1/-0 .5 18 +1/-0 .5 18 +1/- 0 .5 Adhesive Tape Width W0 10 min 10 min 10 min 10 min 10 min 10 min 10 min 10 min Hole Position W1 9 ± 0 .5 9 ± 0 .5 9 ± 0 .5 9 ± 0 .5 9 ± 0 .5 9 ± 0 .5 9 ± 0 .5 9 ± 0 .5 Adhesive Tape Border W2 3 max 3 max 3 max 3 max 3 max 3 max 3 max 3 max Component Height H1 33 max 33 max 38 .5 max 38 .5 max 35 .5 max 38 .5 max 38 .5 max 38 .5 max Lead-Wire Protrusion Lx 1 .0 max 1 .0 max 1 .0 max 1 .0 max 1 .0 max 1 .0 max 1 .0 max 1 .0 max Feed Hole Diameter D0 4 ± 0 .2 4 ± 0 .2 4 ± 0 .2 4 ± 0 .2 4 ± 0 .2 4 ± 0 .2 4 ± 0 .2 4 ± 0 .2 Total Tape Thickness t »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max Length of Clipped Lead L 11 max 11 max 11 max 11 max 11 max 11 max 11 max 11 max Component Height from Seating Plane A — — 19 .5 max 19 .5 max 19 .5 max 19 .5 max 19 .5 max 19 .5 max Hole Center to Component Center P2 6 .35 ± 0 .7 6 .35 ± 0 .7 6 .35 ± 0 .7 6 .35 ± 0 .7 All dimensions are in Millimeters . Note: Basepaper Thickness = 0 .375mm ± 0 .1mm (Ammo Box), 0 .53mm ± 0 .1mm (Reel) Adhesive Tape Thickness = 0 .16mm ± 0 .03mm Largest voltage which can be taped is 460VAC . For 320VAC and larger, only T15, T43, T38 or T4 is available |
Similar Part No. - 7D431K |
|
Similar Description - 7D431K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |