Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7D470K Datasheet(PDF) 60 Page - World Produts Inc.

Part # 7D470K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D470K Datasheet(HTML) 60 Page - World Produts Inc.

Back Button 7D470K Datasheet HTML 56Page - World Produts Inc. 7D470K Datasheet HTML 57Page - World Produts Inc. 7D470K Datasheet HTML 58Page - World Produts Inc. 7D470K Datasheet HTML 59Page - World Produts Inc. 7D470K Datasheet HTML 60Page - World Produts Inc. 7D470K Datasheet HTML 61Page - World Produts Inc. 7D470K Datasheet HTML 62Page - World Produts Inc. 7D470K Datasheet HTML 63Page - World Produts Inc. 7D470K Datasheet HTML 64Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
58 | Metal Oxide Varistors
18mm / 20mm Taping Specifications
Item
Symbol
Straight Leads
Outward Crimp
Inline Crimp
Inward Crimp
T44, T1H
T5, T30
T1X, T45
T50, T2X
T2, T25
T60, T3X
T40, T4X
T35, T2D
Body Diameter
D
*24 max
*24 max
*24 max *24 max *24 max
*24 max
*24 max
*24 max
Lead Wire Diameter
d
0 .8 ± 0 .06 1 .0 ± 0 .1 0 .8 ± 0 .06 1 .0 ± 0 .1 0 .8 ± 0 .06 1 .0 ± 0 .1 0 .8 ± 0 .06 1 .0 ± 0 .1
Pitch of Component
P
25 .4 ± 1
25 .4 ± 1
25 .4 ± 1 25 .4 ± 1 25 .4 ± 1
25 .4 ± 1
25 .4 ± 1
25 .4 ± 1
Feed Hole Pitch
P0
12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3
Lead to Lead Distance
(Center to Center)
F
7 .5 ± 0 .8
10 ± 1
7 .5 ± 0 .8
10 ± 1
7 .5 ± 0 .8
10 ± 1
7 .5 ± 0 .8
10 ± 1
Component Alignment
h
2 .0 max
2 .0 max
2 .0 max
2 .0 max
2 .0 max
2 .0 max
2 .0 max
2 .0 max
Basepaper Tape Width
W
18+1/-0 .5 18+1/-0 .5 18+1/-0 .5 18+1/-0 .5 18+1/-0 .5 18+1/-0 .5 18+1/-0 .5 18+1/-0 .5
Adhesive Tape Width
W0
10 min
10 min
10 min
10 min
10 min
10 min
10 min
10 min
Hole Position
W1
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
Adhesive
Tape Border
W2
3 max
3 max
3 max
3 max
3 max
3 max
3 max
3 max
Component Height
H1
*48 max
*48 max
*48 max *48 max *48 max
*48 max
*48 max
*48 max
Lead-Wire Clinch
Height
H0
18 ± 2
18 ± 2
16 ± 1
16 ± 1
16 ± 1
16 ± 1
16 ± 1
16 ± 1
Lead-Wire Protrusion
Lx
1 .0 max
1 .0 max
1 .0 max
1 .0 max
1 .0 max
1 .0 max
1 .0 max
1 .0 max
Feed Hole Diameter
D0
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
Total Tape Thickness
t
»0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max
Length of Clipped Lead
L
11 max
11 max
11 max
11 max
11 max
11 max
11 max
11 max
Component Height
from Seating Plane
A
*29 max *29 max *31 max
*31 max
*29 max
*29 max
All dimensions are in Millimeters .
Note: Basepaper Thickness = 0 .375mm ± 0 .1mm (Ammo Box), 0 .53mm ± 0 .1mm (Reel) .
Adhesive Tape Thickness = 0 .16mm ± 0 .03mm .
* - 18mm disk size dimensions: D = 22 max, H1 = 46 max, A = 26 max .
Largest voltage which can be taped is 460VAC .
For 320VAC and larger, only T2, T25, T60 or T3X is available


Similar Part No. - 7D470K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
7D470K SUNMATE-7D470K Datasheet
771Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7D470K YINT-7D470K Datasheet
670Kb / 4P
Metal Oxide Varistors
More results

Similar Description - 7D470K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com