Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7D470K Datasheet(PDF) 56 Page - World Produts Inc.

Part # 7D470K
Description  Metal Oxide Varistors
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D470K Datasheet(HTML) 56 Page - World Produts Inc.

Back Button 7D470K Datasheet HTML 52Page - World Produts Inc. 7D470K Datasheet HTML 53Page - World Produts Inc. 7D470K Datasheet HTML 54Page - World Produts Inc. 7D470K Datasheet HTML 55Page - World Produts Inc. 7D470K Datasheet HTML 56Page - World Produts Inc. 7D470K Datasheet HTML 57Page - World Produts Inc. 7D470K Datasheet HTML 58Page - World Produts Inc. 7D470K Datasheet HTML 59Page - World Produts Inc. 7D470K Datasheet HTML 60Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
54 | Metal Oxide Varistors
14mm Taping Specifications
Item
Symbol
Straight Leads
Outward Crimp
Inline Crimp
Inward Crimp
T36, T19
T7, T18
T1U, T1N
T10, T26
T43, T4
T15, T38
T8, T16
T6, T12
Body Diameter
D
16 .5 max 16 .5 max 16 .5 max 16 .5 max 16 .5 max 16 .5 max 16 .5 max 16 .5 max
Lead Wire Diameter
d
0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06 0 .8 ± 0 .06
Pitch of Component
P
25 .4 ± 1
25 .4 ± 1
25 .4 ± 1
25 .4 ± 1
25 .4 ± 1
25 .4 ± 1
25 .4 ± 1
25 .4 ± 1
Feed Hole Pitch
P0
12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3 12 .7 ± 0 .3
Feed Hole Center to
Lead
P1
3 .85 ± 0 .7
3 .85 ± 0 .7
3 .85 ± 0 .7
3 .85 ± 0 .7
Lead to Lead
Distance
(Center to Center)
F
7 .5 ± 0 .8 5 .0 ± 0 .8 7 .5 ± 0 .8 5 .0 ± 0 .8 7 .5 ± 0 .8 5 .0 ± 0 .8 7 .5 ± 0 .8 5 .0 ± 0 .8
Component
Alignment
h
2 .0 max
2 .0 max
2 .0 max
2 .0 max
2 .0 max
2 .0 max
2 .0 max
2 .0 max
Basepaper Tape
Width
W
18 +1/-0 .5 18 +1/-0 .5 18 +1/-0 .5 18 +1/-0 .5 18 +1/-0 .5 18 +1/-0 .5 18 +1/-0 .5 18 +1/-0 .5
Adhesive Tape Width
W0
10 min
10 min
10 min
10 min
10 min
10 min
10 min
10 min
Hole Position
W1
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
9 ± 0 .5
Adhesive Tape
Border
W2
3 max
3 max
3 max
3 max
3 max
3 max
3 max
3 max
Component Height
H1
37 max
37 max
40 max
40 max
40 max
40 max
40 max
40 max
Lead-Wire Protrusion
Lx
1 .0 max
1 .0 max
1 .0 max
1 .0 max
1 .0 max
1 .0 max
1 .0 max
1 .0 max
Feed Hole Diameter
D0
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
4 ± 0 .2
Total Tape Thickness
t
»0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max »0 .7 max
Length of Clipped
Lead
L
11 max
11 max
11 max
11 max
11 max
11 max
11 max
11 max
Component Height
from Seating Plane
A
22 .5 max 22 .5 max 22 .5 max 22 .5 max 22 .5 max 22 .5 max
Hole Center to
Component Center
P2
6 .35 ± 0 .7
6 .35 ± 0 .7
6 .35 ± 0 .7
6 .35 ± 0 .7
All dimensions are in Millimeters .
Note: Basepaper Thickness = 0 .375mm ± 0 .1mm (Ammo Box), 0 .53mm ± 0 .1mm (Reel)
Adhesive Tape Thickness = 0 .16mm ± 0 .03mm
Largest voltage which can be taped is 460VAC . For 320VAC and larger, only T15, T43, T38 or T4 is available


Similar Part No. - 7D470K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
7D470K SUNMATE-7D470K Datasheet
771Kb / 4P
   METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7D470K YINT-7D470K Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results

Similar Description - 7D470K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com