Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7D470K Datasheet(PDF) 5 Page - World Produts Inc.

Part # 7D470K
Description  Metal Oxide Varistors
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D470K Datasheet(HTML) 5 Page - World Produts Inc.

  7D470K Datasheet HTML 1Page - World Produts Inc. 7D470K Datasheet HTML 2Page - World Produts Inc. 7D470K Datasheet HTML 3Page - World Produts Inc. 7D470K Datasheet HTML 4Page - World Produts Inc. 7D470K Datasheet HTML 5Page - World Produts Inc. 7D470K Datasheet HTML 6Page - World Produts Inc. 7D470K Datasheet HTML 7Page - World Produts Inc. 7D470K Datasheet HTML 8Page - World Produts Inc. 7D470K Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 3
General Characteristics
Storage Temperature
- 55° C to + 125° C
Operating Surface Temperature
125° C
Operating Ambient Temperature
- 55° C to + 85° C (without derating)
Maximum Voltage-Temperature
Coefficient
< -0 .01 % / °C
Insulation Resistance
1000 Megohm min .
Hi POT (Leads to Case, 1 min.)
2500 VDC (Phenolic coating 500 VDC and 2000 VDC ratings)
Typical Response Time
< 15 nsec .
Epoxy Rating
94 V-0
Current/Energy Derating (>85°C)
- 2 .5 % / °C
DC Leakage Current
200µA Max (at rated DC working voltage)
Solderability
MIL STD 202G, Method 208H
Failure Criteria
Voltage change ± 10% from initially measured Varistor Voltage . When
determining if varistor is within aforementioned criteria the same temperature
must be observed as was used for initial Varistor Voltage measurements .
Part Marking
Example: 20E241K-VB
20
E
241
K - N B
–– –– ––– ––
–– ––
(1)
(2)
(3)
(4)
(5) (6)
(1) Disk Diameter
5 = 5mm, 7 = 7mm, 10 = 10mm,
14 = 14mm, 18 = 18mm, 20 = 20mm,
25 = 25mm, 32 = 32mm, 34 = 34mm,
40 = 40mm, 53 = 53mm
(2) Type
D = Standard
E = High Energy
R = (applicable only for 34mm Types)
(3) Varistor Voltage
241 = 24 x 101 = 240
(4) Tolerance
J = ±5%, K = ±10%, M = ±20%
(5) N = RoHs Compliant Series (as of October 2007 forward, per Date Code)
(6) B = Phenolic coating rated at 500 VDC . Phenolic coating rated at 2000 VDC requires no marking .
Date Code
037 = First digit represents year (0 = 2010) . Second and third digits represent the week of the year.
This new date code system was implemented from 9/15/05 .
NOTE: Parts will be marked SINCERA . (This is the brand name .)
SINCERA
40D511K-N
J=5%, K=10%
C=Halogen Free Coating
RoHS
Compliant -N
(as of October 2007)
Phenolic Coating
Rated at 500 VDC
SINCERA
20E241K-NB
037
037
5mm – 32mm (Wire Lead)
32mm – 53mm
Date Code
Factory Identifier
depicted with black
dot(s) in this position.
SINCERA
40D511K-N
037
There are two options for placement
of date code for 32mm - 53mm.
C
J=5%, K=10%


Similar Part No. - 7D470K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
7D470K SUNMATE-7D470K Datasheet
771Kb / 4P
   METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7D470K YINT-7D470K Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results

Similar Description - 7D470K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com