Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7D470K Datasheet(PDF) 30 Page - World Produts Inc.

Part # 7D470K
Description  Metal Oxide Varistors
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D470K Datasheet(HTML) 30 Page - World Produts Inc.

Back Button 7D470K Datasheet HTML 26Page - World Produts Inc. 7D470K Datasheet HTML 27Page - World Produts Inc. 7D470K Datasheet HTML 28Page - World Produts Inc. 7D470K Datasheet HTML 29Page - World Produts Inc. 7D470K Datasheet HTML 30Page - World Produts Inc. 7D470K Datasheet HTML 31Page - World Produts Inc. 7D470K Datasheet HTML 32Page - World Produts Inc. 7D470K Datasheet HTML 33Page - World Produts Inc. 7D470K Datasheet HTML 34Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
28 | Metal Oxide Varistors
VZ25R Series — Electrical Characteristics
Part
Number
Continuous Rated
Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
10/1000µs
Joules
8/20µs
KAmps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ25R181KBS
120
160
225
22
170
207
300
100
4900
VZ25R201KBS
130
175
250
22
184
226
340
100
4500
VZ25R221KBS
140
180
281
22
200
240
360
100
4150
VZ25R241KBS
150
200
294
22
220
268
395
100
3810
VZ25R271KBS
180
225
306
22
243
297
475
100
3250
VZ25R301KBS
195
250
319
22
270
330
505
100
3000
VZ25R331KBS
210
275
338
22
297
363
540
100
2750
VZ25R361KBS
230
300
394
22
324
396
595
100
2560
VZ25R391KBS
250
330
428
22
351
429
650
100
2380
VZ25R431KBS
275
370
463
22
387
473
710
100
2130
VZ25R471KBS
300
385
488
22
423
517
775
100
2000
VZ25R511KBS
320
420
528
22
459
561
865
100
1750
VZ25R561KBS
360
470
575
22
522
638
960
100
1500
VZ25R621KBS
385
500
619
22
558
682
1040
100
1480
VZ25R681KBS
420
560
644
22
617
754
1120
100
1380
VZ25R751KBS
460
615
663
22
675
825
1240
100
1250
VZ25R781KBS
485
640
675
22
702
858
1290
100
1230
VZ25R821KBS
510
675
688
22
735
902
1350
100
1150
VZ25R911KBS
550
745
750
22
819
1001
1400
100
1100
VZ25R102KBS
625
825
788
22
900
1100
1620
100
950
VZ25R112KBS
680
895
875
22
962
1175
1815
100
820
VZ25R122KBS
750
970
925
22
1080
1320
1980
100
730


Similar Part No. - 7D470K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
7D470K SUNMATE-7D470K Datasheet
771Kb / 4P
   METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7D470K YINT-7D470K Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results

Similar Description - 7D470K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com