Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7D470K Datasheet(PDF) 24 Page - World Produts Inc.

Part # 7D470K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D470K Datasheet(HTML) 24 Page - World Produts Inc.

Back Button 7D470K Datasheet HTML 20Page - World Produts Inc. 7D470K Datasheet HTML 21Page - World Produts Inc. 7D470K Datasheet HTML 22Page - World Produts Inc. 7D470K Datasheet HTML 23Page - World Produts Inc. 7D470K Datasheet HTML 24Page - World Produts Inc. 7D470K Datasheet HTML 25Page - World Produts Inc. 7D470K Datasheet HTML 26Page - World Produts Inc. 7D470K Datasheet HTML 27Page - World Produts Inc. 7D470K Datasheet HTML 28Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
22 | Metal Oxide Varistors
D Series — Electrical Characteristics (5, 7, 10, 14, 20, 25 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
2ms
Joules
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05D431KBS
275
370
11
16
400
387
473
710
5
65
VZ07D431KBS
21
28
1200
710
10
130
VZ10D431KBS
45
65
2500
710
25
310
VZ14D431KBS
75
115
4500
710
50
600
VZ20D431KBS
140
190
10000
710
100
1120
VZ25D431KBS
370
20000
710
100
1700
VZ05D471KBS
300
385
13
19
400
423
517
775
5
55
VZ07D471KBS
23
30
1200
775
10
115
VZ10D471KBS
47
70
2500
775
25
280
VZ14D471KBS
80
125
4500
775
50
570
VZ20D471KBS
150
220
10000
775
100
1000
VZ25D471KBS
390
20000
775
100
1600
VZ05D511KBS
320
420
15
21
400
459
561
865
5
39
VZ07D511KBS
23
32
1200
850
10
82
VZ10D511KBS
50
71
2500
840
25
260
VZ14D511KBS
84
128
4500
840
50
530
VZ20D511KBS
152
222
10000
840
100
950
VZ25D511KBS
422
20000
840
100
1500
VZ05D561KBS
360
470
17
25
400
522
638
960
5
36
VZ07D561KBS
27
39
1200
960
10
75
VZ10D561KBS
48
72
2500
910
25
240
VZ14D561KBS
85
139
4500
950
50
480
VZ20D561KBS
154
226
10000
910
100
900
VZ25D561KBS
460
20000
910
100
1300
VZ05D621KBS
390
505
19
27
400
558
682
1040
5
33
VZ07D621KBS
29
43
1200
1040
10
68
VZ10D621KBS
49
73
2500
1025
25
150
VZ14D621KBS
88
142
4500
1025
50
270
VZ20D621KBS
158
228
10000
1025
100
770
VZ25D621KBS
495
20000
1025
100
1200


Similar Part No. - 7D470K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
7D470K SUNMATE-7D470K Datasheet
771Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7D470K YINT-7D470K Datasheet
670Kb / 4P
Metal Oxide Varistors
More results

Similar Description - 7D470K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com