Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7D470K Datasheet(PDF) 23 Page - World Produts Inc.

Part # 7D470K
Description  Metal Oxide Varistors
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

7D470K Datasheet(HTML) 23 Page - World Produts Inc.

Back Button 7D470K Datasheet HTML 19Page - World Produts Inc. 7D470K Datasheet HTML 20Page - World Produts Inc. 7D470K Datasheet HTML 21Page - World Produts Inc. 7D470K Datasheet HTML 22Page - World Produts Inc. 7D470K Datasheet HTML 23Page - World Produts Inc. 7D470K Datasheet HTML 24Page - World Produts Inc. 7D470K Datasheet HTML 25Page - World Produts Inc. 7D470K Datasheet HTML 26Page - World Produts Inc. 7D470K Datasheet HTML 27Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 65 page
background image
Metal Oxide VaristOrs
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 9.9
Metal Oxide Varistors | 21
D Series — Electrical Characteristics (5, 7, 10, 14, 20, 25 mm) (cont.)
Part
Number
Maximum
Continuous
Rated Voltage
Rated Single
Pulse Transient
Varistor Voltage
@1mA DC
Maximum Clamping
Voltage
@Test Current 8/20µs
Typical
Capacitance
@1KHZ 25°C
Energy
Peak
AC RMS
Volts
DC
Volts
2ms
Joules
10/1000µs
Joules
8/20µs
Amps
Min
Volts
Max
Volts
Volts
Amps
pF
VZ05D271KBS
180
230
7 .5
11
400
255
311
475
5
105
VZ07D271KBS
13
18
1200
455
10
205
VZ10D271KBS
30
40
2500
455
25
500
VZ14D271KBS
52
72
4500
455
50
950
VZ20D271KBS
90
127
10000
455
100
1700
*VZ25D271KBS
245
20000
465
100
2600
VZ05D301KBS
195
250
8 .0
11 .5
400
270
330
525
5
95
VZ07D301KBS
13
19
1200
505
10
185
VZ10D301KBS
32
42 .5
2500
505
25
450
VZ14D301KBS
56
78
4500
505
50
890
VZ20D301KBS
100
135
10000
505
100
1540
VZ25D301KBS
255
20000
505
100
2400
VZ05D331KBS
210
275
8 .5
11 .7
400
297
363
540
5
85
VZ07D331KBS
14
20
1200
540
10
170
VZ10D331KBS
33 .5
44 .5
2500
540
25
415
VZ14D331KBS
63
87
4500
540
50
800
VZ20D331KBS
110
148
10000
540
100
1400
*VZ25D331KBS
270
20000
540
100
2200
VZ05D361KBS
230
300
9 .0
13
400
324
396
595
5
80
VZ07D361KBS
17
25
1200
595
10
155
VZ10D361KBS
36
47
2500
595
25
380
VZ14D361KBS
70
98
4500
595
50
725
VZ20D361KBS
120
163
10000
595
100
1320
VZ25D361KBS
315
20000
595
100
2100
VZ05D391KBS
250
330
10
15
400
351
429
650
5
75
VZ07D391KBS
19
26
1200
650
10
145
VZ10D391KBS
40
60
2500
650
25
350
VZ14D391KBS
72
102
4500
650
50
665
VZ20D391KBS
130
180
10000
650
100
1210
VZ25D391KBS
342
20000
650
100
1900


Similar Part No. - 7D470K

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
7D470K SUNMATE-7D470K Datasheet
771Kb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7D470K YINT-7D470K Datasheet
670Kb / 4P
Metal Oxide Varistors
More results

Similar Description - 7D470K

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
Metal Oxide Varistors
logo
Ruilongyuan Electronics...
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
Metal Oxide Varistors
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
METAL OXIDE VARISTORS
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com