![]() |
Electronic Components Datasheet Search |
|
7D470K Datasheet(PDF) 18 Page - World Produts Inc. |
|
|
7D470K Datasheet(HTML) 18 Page - World Produts Inc. |
18 / 65 page ![]() Metal Oxide VaristOrs WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com Rev. 9.9 16 | Metal Oxide Varistors Standard Dimensions and Lead Modification Options (continued) E Max Dimensions (For Phenolic Coating) Dimensions are in mm (inches) 20D Series Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) Style E Max mm (in) Off-set Dimension (a) ±1 (±0.04) mm (in) B P B P 20D180K 4 .8 ( .19) 6 .0 ( .236) 1 .5 ( .06) **20D301K 5 .7 ( .22) 6 .7 ( .28) 2 .6 ( .1) 20D220K 5 .1 ( .2) 6 .2 ( .24) 1 .6 ( .063) **20D331K 5 .8 ( .23) 6 .8 ( .27) 2 .7 ( .1) 20D270K 5 .2 ( .2) 6 .4 ( .25) 1 .8 ( .07) **20D361K 5 .9 ( .23) 6 .8 ( .27) 2 .9 ( .11) 20D330K 5 .4 ( .21) 6 .6 ( .26) 2 .1 ( .083) **20D391K 6 .0 ( .236) 7 .0 ( .275) 3 .1 ( .12) 20D390K 5 .2 ( .2) 6 .4 ( .25) 2 .1 ( .083) **20D431K 6 .0 ( .236) 7 .1 ( .28) 3 .3 ( .13) 20D470K 5 .4 ( .21) 6 .6 ( .26) 2 .2 ( .087) **20D471K 6 .1 ( .24) 7 .3 ( .287) 4 .0 ( .157) 20D560K 5 .6 ( .22) 6 .8 ( .27) 2 .2 ( .087) **20D511K 6 .3 ( .25) 7 .5 ( .3) *3 .4 ( .13) 20D680K 5 .9 ( .23) 7 .3 ( .287) 2 .4 ( .094) **20D561K 6 .6 ( .26) 7 .8 ( .307) *3 .8 ( .15) **20D820K 4 .8 ( .19) 6 .2 ( .24) 1 .5 ( .06) **20D621K 6 .8 ( .27) 8 .0 ( .31) *4 .5 ( .18) **20D101K 4 .8 ( .19) 6 .2 ( .24) 1 .6 ( .063) **20D681K 7 .0 ( .275) 8 .2 ( .32) *4 .8 ( .19) **20D121K 4 .9 ( .19) 6 .3 ( .25) 1 .6 ( .063) **20D751K 7 .3 ( .287) 8 .5 ( .335) *5 .2 ( .2) **20D151K 5 .0 ( .196) 6 .4 ( .25) 1 .6 ( .063) **20D781K 7 .6 ( .3) 8 .6 ( .34) *5 .4 ( .2) **20D181K 5 .1 ( .2) 6 .5 ( .256) 1 .8 ( .07) **20D821K 7 .8 ( .31) 8 .8 ( .346) *5 .6 ( .22) **20D201K 5 .2 ( .2) 6 .6 ( .26) 2 .0 ( .08) **20D911K 8 .2 ( .32) 9 .2 ( .36) *6 .5 ( .255) **20D221K 5 .4 ( .21) 6 .5 ( .256) 2 .0 ( .08) **20D102K 8 .6 ( .34) 9 .6 ( .377) *6 .6 ( .26) **20D241K 5 .7 ( .22) 6 .6 ( .26) 2 .2 ( .087) **20D112K 9 .1 ( .36) 10 .1 ( .397) *7 .3 ( .287) **20D271K 5 .8 ( .23) 6 .6 ( .26) 2 .3 ( .09) * Bulk parts for 320VAC and larger come standard with inline crimp (as referenced at beginning of “Standard Dimensions and Lead Modification Options” section ) for straight disk seating on PC boards . Therefore, “a” dimension is not applicable . If 320VAC and larger size are required without in-line crimp, please reference “Part Number System” position # (8) and add “N” and reference “a” dimensions (for off-set) above . ** These dimensions also apply to “E” Series (High Energy) parts . For suffix “V” (Extremely High Energy Type) add 0 .1 (0 .004) to “E Max .” E max a |
Similar Part No. - 7D470K |
|
Similar Description - 7D470K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |