Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1117ACCT Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME1117ACCT
Description  1A Low Dropout Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117ACCT Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME1117ACCT Datasheet HTML 5Page - Analog Microelectronics AME1117ACCT Datasheet HTML 6Page - Analog Microelectronics AME1117ACCT Datasheet HTML 7Page - Analog Microelectronics AME1117ACCT Datasheet HTML 8Page - Analog Microelectronics AME1117ACCT Datasheet HTML 9Page - Analog Microelectronics AME1117ACCT Datasheet HTML 10Page - Analog Microelectronics AME1117ACCT Datasheet HTML 11Page - Analog Microelectronics AME1117ACCT Datasheet HTML 12Page - Analog Microelectronics AME1117ACCT Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Analog Microelectronics, Inc.
9
AME1117
1A Low Dropout Positive
Voltage Regulator
n
n
n
n
n Application Descriptions
Like most regulators, the AME1117 regulates the
output by comparing the output voltage to an inter-
nally generated reference voltage. On the adjust-
able version, the V
REF is available externally as
1.25V between V
OUT and ADJ. The voltage ratio
formed by R1 and R2 should be set to conduct
10mA (minimum output load). The output voltage
is given by the following equation:
1. Output voltage adjustment
V OUT = VREF (1+ R2
R1
) + IADJ x R2
On fixed versions of AME1117, the voltage divider
is provided internally.
Figure 4
2. Thermal protection
AME1117 has thermal protection which limits
junction temperature to 150OC. However, device
functionality is only guaranteed to a maximum
junction temperature of +125OC.
The power dissipation and junction temperature
for AME1117 in DPAK package are given by
P
D = (VIN - VOUT) x IOUT
T
JUNCTION = TAMBIENT + ( PD x θJA)
Note: T
JUNCTION must not exceed 125
O
C
3. Current Limit Protection
AME1117 is protected against overload conditions.
Current protection is triggered at typically 1.5A.
AME1117 requires a capacitor from VOUT to GND
to provide compensation feedback to the internal
gain stage. This is to ensure stability at the output
terminal. Typically, a 10
µF tantalum or 50µF alu-
minum electrolytic is sufficient.
Note: It is important that the ESR for this
capacitor does not exceed 0.5
Ω.
The output capacitor does not have a theoretical
upper limit and increasing its value will increase
stability. C
OUT = 100µF or more is typical for high
current regulator design.
For the adjustable version, the best load regulation
is accomplished when the top of the resistor di-
vider (R1) is connected directly to the output pin of
the AME1117. When so connected, RP is not mul-
tiplied by the divider ratio.
For fixed output versions, the top of R1 is internally
connected to the output. The ground pin can be
connected to the low side of the load in order to
eliminate ground loop errors.
4. Stability and Load Regulation
Figure 5
C
1
V
OUT = V REF (1+
R2
R1
) + I
ADJ x R2
OUT
ADJ
IN
V
REF
I
AD J
50
µA
V
IN
V
OUT
R1
R2
OUT
ADJ
IN
V
IN
R1
R2
R
L
R
P
Parasitic
Line Resistance
Connect
R2 to load
(Connect
R1 to case)


Similar Part No. - AME1117ACCT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117ACCT AME-AME1117ACCT Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
AME1117ACCTZ AME-AME1117ACCTZ Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117ACCT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com