Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1117ACGT Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME1117ACGT
Description  1A Low Dropout Positive Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117ACGT Datasheet(HTML) 3 Page - Analog Microelectronics

  AME1117ACGT Datasheet HTML 1Page - Analog Microelectronics AME1117ACGT Datasheet HTML 2Page - Analog Microelectronics AME1117ACGT Datasheet HTML 3Page - Analog Microelectronics AME1117ACGT Datasheet HTML 4Page - Analog Microelectronics AME1117ACGT Datasheet HTML 5Page - Analog Microelectronics AME1117ACGT Datasheet HTML 6Page - Analog Microelectronics AME1117ACGT Datasheet HTML 7Page - Analog Microelectronics AME1117ACGT Datasheet HTML 8Page - Analog Microelectronics AME1117ACGT Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Analog Microelectronics, Inc.
3
AME1117
1A Low Dropout Positive
Voltage Regulator
n
n
n
n
n Ordering Information
Part Number
Marking Output Voltage Package
AME1117ACGT
ABEyww
ADJ
AME1117BCGT
AKEyww
2.5
AME1117CCGT
ABFyww
3.3
AME1117DCGT
AKFyww
5.0
AME1117ACCT
AME1117
ACCT
yyww
ADJ
AME1117BCCT
AME1117
BCCT
yyww
2.5
AME1117CCCT
AME1117
CCCT
yyww
3.3
AME1117DCCT
AME1117
DCCT
yyww
5.0
AME1117ACBT
AME1117
ACBT
yyww
ADJ
AME1117BCBT
AME1117
BCBT
yyww
2.5
AME1117CCBT
AME1117
CCBT
yyww
3.3
AME1117DCBT
AME1117
DCBT
yyww
5.0
SOT-223
TO-220
TO-252
(DPAK-2)


Similar Part No. - AME1117ACGT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117ACGT AME-AME1117ACGT Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
AME1117ACGTZ AME-AME1117ACGTZ Datasheet
177Kb / 19P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117ACGT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com