Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFG2021 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AFG2021
Description  Arbitrary/Function Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFG2021 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AFG2021 Datasheet HTML 1Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 2Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 3Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 4Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 5Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 6Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 7Page - List of Unclassifed Manufacturers AFG2021 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Arbitrary/Function Generator — AFG2021
ArbExpress software helps you easily duplicate real-world signals.
ArbExpress® for Real-world Waveforms with
Minimal Effort
With ArbExpress software, you can quickly create waveforms that can
be transferred to the AFG2021 to meet custom stimulus requirements.
ArbExpress supports direct connection to Tektronix oscilloscopes and AFGs
through USB, GPIB, or LAN. The software allows you to import real-world
signals captured with an oscilloscope onto a PC, then edit and download
them onto an AFG to duplicate the captured waveform. This is extremely
useful for automotive, medical, and industrial applications where recreating
sensor output is critical to analyzing the integrity of the design.
Increase Productivity with SignalExpress
Every AFG2021 ships with a free copy of the Tektronix Edition of National
Instrument’s LabVIEW SignalExpress software for basic instrument control,
data logging, and analysis. SignalExpress supports the range of Tektronix
bench instruments enabling you to connect your entire test bench. You
can then access each instrument from one intuitive software interface.
This allows you to automate complex measurements requiring multiple
instruments, log data for an extended period of time, time-correlate data
from multiple instruments, and easily capture and analyze your results, all
from your PC. Only Tektronix offers a connected test bench of intelligent
instruments to simplify and speed debug of your complex design.
Connectivity
Using the front-panel USB host port, you can save your customized
waveforms or instrument settings onto a USB memory stick. Reloading the
data is easily done by plugging the device back into the USB host port. The
USB device port and optional GPIB/LAN ports provide multiple alternatives
for connecting the AFG2021 to your PC for waveform download and remote
control.
Compact Form Factor
The 2U height and half-rack width form factor allow the AFG2021 to be
stacked on other bench instruments, such as digital multimeters, power
supplies, and frequency counters, saving valuable bench space. With the
optional RMU2U rackmount kit, GPIB interface, and full SCPI support the
AFG2021 is a perfect solution for automated test systems.
www.tektronix.com 3


Similar Part No. - AFG2021

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
   Arbitrary/Function Generator
More results

Similar Description - AFG2021

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
AFG-2100 GWINSTEK-AFG-2100 Datasheet
691Kb / 2P
   ARBITRARY FUNCTION GENERATOR
logo
TEKTRONIX, INC.
AFG1000 TEKTRONIX-AFG1000 Datasheet
288Kb / 12P
   Arbitrary/Function Generator
AFG2021 TEKTRONIX-AFG2021 Datasheet
796Kb / 12P
   Arbitrary/Function Generator
logo
Keysight Technologies
E1445A KEYSIGHT-E1445A Datasheet
133Kb / 4P
   Arbitrary Function Generator
logo
Agilent(Hewlett-Packard...
33250A HP-33250A Datasheet
103Kb / 4P
   Function/Arbitrary Waveform Generator
logo
Keysight Technologies
33250A KEYSIGHT-33250A Datasheet
440Kb / 5P
   Function/Arbitrary Waveform Generator
logo
List of Unclassifed Man...
DG4000 ETC-DG4000 Datasheet
2Mb / 10P
   Function/Arbitrary Waveform Generator
November 2015
logo
Agilent(Hewlett-Packard...
81150A HP-81150A Datasheet
627Kb / 28P
   Pulse Function Arbitrary Noise Generator
logo
Good Will Instrument Co...
AFG-125 GWINSTEK-AFG-125 Datasheet
1Mb / 2P
   USB MODULAR ARBITRARY FUNCTION GENERATOR
logo
Agilent(Hewlett-Packard...
33220A HP-33220A Datasheet
216Kb / 5P
   20 MHz Function/Arbitrary Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com