Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9432BSQZ-80 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9432BSQZ-80
Description  12-Bit, 80 MSPS/105 MSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432BSQZ-80 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9432BSQZ-80 Datasheet HTML 4Page - Analog Devices AD9432BSQZ-80 Datasheet HTML 5Page - Analog Devices AD9432BSQZ-80 Datasheet HTML 6Page - Analog Devices AD9432BSQZ-80 Datasheet HTML 7Page - Analog Devices AD9432BSQZ-80 Datasheet HTML 8Page - Analog Devices AD9432BSQZ-80 Datasheet HTML 9Page - Analog Devices AD9432BSQZ-80 Datasheet HTML 10Page - Analog Devices AD9432BSQZ-80 Datasheet HTML 11Page - Analog Devices AD9432BSQZ-80 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. E
AD9432
–8–
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
ENCODE = 105MSPS
AIN = 10.3MHz (–0.53dBFS)
SNR = 67.32dB
SINAD = 67.07dB
SFDR = –85dBc
TPC 7. Spectrum: fS = 105 MSPS, fIN = 10.3 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
ENCODE = 105MSPS
AIN = 27.0MHz (–0.52dBFS)
SNR = 67.3dB
SINAD = 67.0dB
SFDR = –83.1dBc
TPC 8. Spectrum: fS = 105 MSPS, fIN = 27 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
ENCODE = 105MSPS
AIN = 40.9MHz (–0.56dBFS)
SNR = 67.2dB
SINAD = 66.9dB
SFDR = –80dBc
TPC 9. Spectrum: fS = 105 MSPS, fIN = 40.9 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
ENCODE = 105MSPS
AIN = 50.3MHz (–0.46dBFS)
SNR = 67.0dB
SINAD = 66.7dB
SFDR = –80dBc
TPC 10. Spectrum: fS = 105 MSPS, fIN = 50.3 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
AIN1 = 29.3MHz (–7dBFS)
AIN2 = 30.3MHz (–7dBFS)
ENCODE = 105MSPS
TPC 11. Two-Tone Spectrum, Wideband: fS =
105 MSPS, AIN1 = 29.3 MHz, AIN2 = 30.3 MHz
SAMPLES
–80
–90
–100
–70
–60
–50
–40
–30
–20
–10
0
–110
–120
AIN1 = 70.3MHz (–7dBFS)
AIN2 = 71.3MHz (–7dBFS)
ENCODE = 105MSPS
TPC 12. Two-Tone Spectrum, Wideband: fS =
105 MSPS, AIN1 = 70.3 MHz, AIN2 = 71.3 MHz


Similar Part No. - AD9432BSQZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
   12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
More results

Similar Description - AD9432BSQZ-80

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com