Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD580 Datasheet(PDF) 7 Page - Analog Devices

Part # AD580
Description  High Precision,2.5 V IC Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD580 Datasheet(HTML) 7 Page - Analog Devices

  AD580 Datasheet HTML 1Page - Analog Devices AD580 Datasheet HTML 2Page - Analog Devices AD580 Datasheet HTML 3Page - Analog Devices AD580 Datasheet HTML 4Page - Analog Devices AD580 Datasheet HTML 5Page - Analog Devices AD580 Datasheet HTML 6Page - Analog Devices AD580 Datasheet HTML 7Page - Analog Devices AD580 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD580
Rev. B | Page 7 of 8
THE AD580 AS A LOW POWER, LOW VOLTAGE,
PRECISION REFERENCE FOR DATA CONVERTERS
The AD580 has a number of features that make it ideally suited
for use with A/D and D/A data converters used in complex
microprocessor-based systems. The calibrated 2.500 V output
minimizes user trim requirements and allows operation from a
single, low voltage supply. Low power consumption (1 mA
quiescent current) is commensurate with that of CMOS-type
devices, while the low cost and small package complements the
decreasing cost and size of the latest converters.
Figure 12 shows the AD580 used as a reference for the AD7542
12-bit CMOS DAC with complete microprocessor interface.
The AD580 and the AD7542 are specified to operate from a
single 5 V supply, thus eliminating the need to provide a 15 V
power supply for the sole purpose of operating a reference. The
AD7542 includes three 4-bit data registers, a 12-bit DAC
register, and address decoding logic. It may thus be interfaced
directly to a 4-, 8- or 16-bit data bus. Only 8 mA of quiescent
current from the single 5 volt supply is required to operate the
AD7542 which is packaged in a small, 16-pin DIP. The AD544
output amplifier is also low power, requiring only 2.5 mA
quiescent current. Its laser-trimmed offset voltage preserves the
±1/2 LSB linearity of the AD7542KN without user trims, and it
typically settles to ±1/2 LSB in less than 3 µs. It will provide the
0 V to –2.5 V output swing from ±5 V supplies.
7
D0
6
D1
5
D2
4
D3
AD7542
CLR
13
FROM SYSTEM RESET
FROM ADDRESS BUS
A0
10
A0
A1
11
A1
WR
9
FROM WR
CS
812
3
15
14
16
1
2
FROM ADDRESS DECODER
AD7
AD0
SYSTEM
8-BIT DATA BUS
AD544L
DGND
–5V
ANALOG
INPUT
AGND
IOUT2
IOUT1
RFB
VREF
VDD
22pF
200
500
GAIN
ADJUST
EOUT
+E
+5V
–E
AD580
Figure 12. Low Power, Low Voltage Reference for the AD7542
Microprocessor-Compatible, 12-Bit DAC


Similar Part No. - AD580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580 Datasheet
251Kb / 6P
High Precision 2.5 V IC Reference
REV. A
AD580 AD-AD580 Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD5801 AD-AD5801 Datasheet
196Kb / 13P
Piezo-Electric Actuator Controller
AD5801 AD-AD5801 Datasheet
395Kb / 6P
Tape and Reel Packaging
AD5801 AD-AD5801 Datasheet
395Kb / 6P
Tape and Reel Packaging
More results

Similar Description - AD580

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD580 AD-AD580 Datasheet
251Kb / 6P
High Precision 2.5 V IC Reference
REV. A
AD780 AD-AD780 Datasheet
178Kb / 10P
2.5 V/3.0 V High Precision Reference
REV. B
AD780BRZ-REEL7 AD-AD780BRZ-REEL7 Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
AD580 AD-AD580_04 Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD780ARZ AD-AD780ARZ Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
5962-8686101XA AD-5962-8686101XA Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD580MH AD-AD580MH Datasheet
196Kb / 8P
High Precision, 2.5 V IC Reference
REV. B
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD780BRZ-REEL AD-AD780BRZ-REEL Datasheet
264Kb / 12P
2.5 V-3.0 V High Precision Reference
Rev. F
AD780 AD-AD780_15 Datasheet
264Kb / 12P
2.5 V/3.0 V High Precision Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com