Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP24833 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP24833
Description  3A, 55V White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24833 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP24833 Datasheet HTML 1Page - Monolithic Power Systems MP24833 Datasheet HTML 2Page - Monolithic Power Systems MP24833 Datasheet HTML 3Page - Monolithic Power Systems MP24833 Datasheet HTML 4Page - Monolithic Power Systems MP24833 Datasheet HTML 5Page - Monolithic Power Systems MP24833 Datasheet HTML 6Page - Monolithic Power Systems MP24833 Datasheet HTML 7Page - Monolithic Power Systems MP24833 Datasheet HTML 8Page - Monolithic Power Systems MP24833 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP24833 – 3A, 55V WHITE LED DRIVER
MP24833 Rev. 1.0
www.MonolithicPower.com
2
05/05/2010
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP24833GN
SOIC8E
MP24833
* For Tape & Reel, add suffix –Z (e.g. MP24833GN–Z).
PACKAGE REFERENCE
SOIC8E
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage VDD - VSS ............................. 60V
VSW - VSS ...............................-0.3V to VIN + 0.3V
VBST ...................................................... VSW + 6V
VEN/Dim - VINGND.................................-0.3V to +6V
VINGND - VSS .....................................-0.3V to 60V
Other pins - VSS...............................-0.3V to +6V
Continuous Power Dissipation (TA = +25°C)
(2)
SOIC8E...................................................... 2.5W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD - VSS .................4.5V to 55V
Maximum Junction Temp. (TJ) .............. +125°C
Thermal Resistance
(4)
θJA
θJC
SOIC8E...................................50 ...... 10 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device function is not guaranteed outside of the
recommended operating conditions.
4) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - MP24833

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24833-AGN MPS-MP24833-AGN Datasheet
495Kb / 14P
55V, 3A, White LED Driver
MP24833A MPS-MP24833A Datasheet
495Kb / 14P
55V, 3A, White LED Driver
More results

Similar Description - MP24833

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
3A,55V White LED Driver
MP24833A MPS-MP24833A Datasheet
495Kb / 14P
55V, 3A, White LED Driver
MP24183 MPS-MP24183 Datasheet
442Kb / 12P
1A, 55V, Programmable Frequency White LED Driver
MP2483 MPS-MP2483 Datasheet
388Kb / 14P
2.5A, 55V, Programmable Frequency White LED Driver
EV24183DQ-00B MPS-EV24183DQ-00B Datasheet
170Kb / 5P
1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00C MPS-EV2483DQ-00C Datasheet
162Kb / 5P
2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00A MPS-EV2483DQ-00A Datasheet
165Kb / 5P
2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV24183DQ-00C MPS-EV24183DQ-00C Datasheet
259Kb / 5P
1A, 55V, Programmable Frequency White LED Driver Evaluation Board
EV2483DQ-00B MPS-EV2483DQ-00B Datasheet
160Kb / 5P
2.5A, 55V, Programmable Frequency White LED Driver Evaluation Board
logo
National Semiconductor ...
LMD18245 NSC-LMD18245_06 Datasheet
1Mb / 21P
3A, 55V DMOS Full-Bridge Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com