Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0402F100 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SF-0402F100
Description  SF-0402F Series - Fast Acting Surface Mount Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0402F100 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SF-0402F100 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0402F100 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0402F100 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0402F100 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Portable memory
LCD monitors
Disk drives
PDAs
Digital cameras
DVDs
Cell phones
Rechargeable battery packs
Battery chargers
Set top boxes
Industrial controllers
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
SF-0402F Series - Fast Acting Surface Mount Fuses
Solder Reflow Recommendations
Peak: 250 +0/-5 °C
230 °C or higher
PRE-HEATING ZONE
SOLDERING ZONE
HEATING TIME
180 °C
250
200
150
100
50
150 °C
90 ± 30 Seconds
30 ± 10 Seconds
PEAK: 250 +0/-5 °C, 5 seconds
PRE-HEATING ZONE: 150 to 180 °C, 90 ± 30 seconds
SOLDERING ZONE: 230 °C or higher, 30 ± 10 seconds
Product Dimensions
Recommended Pad Layout
1.0 ± 0.1
(.039 ± .004)
0.2 ± 0.1
(.008 ± .004)
0.2 ± 0.1
(.008 ± .004)
0.52 ± 0.05
(.020 ± .002)
0.25 ± 0.1
(.010 ± .004)
0.25 ± 0.1
(.010 ± .004)
0.35 ± 0.05
(.014 ± .002)
DIMENSIONS:
MM
(INCHES)
Thermal Derating Curve
120
110
100
90
80
-20
0
20
40
AMBIENT TEMPERATURE (°C)
60
80
100
120
Construction & Material Content
OVERCOAT
Sn PLATING
CERAMIC SUBSTRATE
FUSE ELEMENT
Cu / Ni PLATING
0.558
(.022)
1.55
(.061)
0.381
(.015)
PACKAGING: 10,000 pcs./reel
SinglFuseSF-0402F Series Applications
Operating Temperature..................................................................................-40 °C to +105 °C
Storage Conditions
Temperature ................................................................................................+5 °C to +35 °C
Humidity...........................................................................................................40 % to 75 %
Shelf Life........................................................................... 2 years from manufacturing date


Similar Part No. - SF-0402F100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0402F100 BOURNS-SF-0402F100 Datasheet
374Kb / 4P
   Fast Acting Surface Mount Fuses
SF-0402F100 BOURNS-SF-0402F100 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-0402F100-2 BOURNS-SF-0402F100-2 Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
More results

Similar Description - SF-0402F100

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF0402F BOURNS-SF0402F Datasheet
189Kb / 5P
   SF-0402F Series - Fast Acting Surface Mount Fuses
REV. 04/21
SF-0402F200-2 BOURNS-SF-0402F200-2 Datasheet
425Kb / 4P
   SF-0402F Series - Fast Acting Surface Mount Fuses
SF-1206F300-2 BOURNS-SF-1206F300-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F080-2 BOURNS-SF-0603F080-2 Datasheet
382Kb / 5P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-1206F100-2 BOURNS-SF-1206F100-2 Datasheet
375Kb / 4P
   SF-1206F Series - Fast Acting Surface Mount Fuses
SF-0603F BOURNS-SF-0603F Datasheet
366Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0603F300-2 BOURNS-SF-0603F300-2 Datasheet
381Kb / 4P
   SF-0603F Series - Fast Acting Surface Mount Fuses
SF-0402FP-F BOURNS-SF-0402FP-F Datasheet
280Kb / 5P
   SF-0402FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. F 03/21
SF-0603FP-F BOURNS-SF-0603FP-F Datasheet
257Kb / 6P
   SF-0603FP-F Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
SF-0603FP-M BOURNS-SF-0603FP-M Datasheet
254Kb / 6P
   SF-0603FP-M Series - Fast Acting Precision Surface Mount Fuses
REV. D 03/21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com