Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARF7678AA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ARF7678AA
Description  Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARF7678AA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ARF7678AA Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
283 rue Louis Néel - Parc technologique Pré Roux - 38920 CROLLES - France
Tél. : +33 (0)4 76 92 07 77 - Fax : +33 (0)4 76 04 80 87 - E-mail : arf@adeunis-rf.com - www.adeunis-rf.com
Technical specifications
References
Modules
Bluetooth® Class2
Features
Bluetooth 2.1 stack (Chipset CSR Bluecore4-Ext)
Baseband - Link Manager - L2CAP - RFCOMM - SDP - SCO
Data profiles: SPP - OPP - DUN
Performance
Frequency: FHSS / 2.402 to 2.480GHz
Radiated RF power: 2mW with integrated antenna
RF sensitivity: -86dBm (BER 10-3)
Range: up to 30m
Air rate: up to 3Mbps EDR
Power consumption & requirements
Operating voltage: 3.3V typ (from 2.85V to 3.6V)
Max TX consumption: 60mA
Typical RX consumption: 40mA
Standby consumption: 1 to 6mA
Interfaces
UART with flow control
PCM
UART programmable speed: from 9.6 to 921.6kbps
General information
Operating temperature: -40°C / +85°C
Dimensions: 22 x 14 x 3 mm
Standards: EN 300-328 / EN 301-489 / FCC part 15 / IC
Mounting: SMD
Bluetooth® Module
This miniature module (22 x 14 x 3 mm) allows a two-way Bluetooth®
data transmission, up to 30m.
It uses the 2.45GHz frequency world band. This module is Bluetooth® V2
certified under the «End Product» category, allowing customers integrating
our solution, to use the Bluetooth® label.
The data transmission and configuration are done via an UART serial interface
«TTL» type. The radio rate goes from 723kbps to 3Mbps EDR. The miniature
antenna is integrated (RF pin version also available).
In «Data» mode, the embedded SPP profile allows the module to establish
a wireless serial link to a PDA, laptop, mobile phone or other device equipped
with a Bluetooth® function. OPP profile allows you to send files to a Blue-
tooth® system.
Bluetooth® Module
ARF7678AA
BTC2-DATA Bluetooth® Module - Integrated antenna
ARF7678BA
BTC2-DATA Bluetooth® Module - RF out pin
Pin configuration & Dimensions
Class 2 - Data - 1mW - 2.41/2.48GHz


Similar Part No. - ARF7678AA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARF7429B ETC-ARF7429B Datasheet
771Kb / 1P
   Long distance UART TTL module
logo
Power Semiconductors
ARF744 POSEICO-ARF744 Datasheet
44Kb / 4P
   FAST RECOVERY DIODE
ARF744S25 POSEICO-ARF744S25 Datasheet
44Kb / 4P
   FAST RECOVERY DIODE
ARF771LT POSEICO-ARF771LT Datasheet
105Kb / 2P
   FAST RECOVERY DIODE
ARF771LTS45 POSEICO-ARF771LTS45 Datasheet
105Kb / 2P
   FAST RECOVERY DIODE
More results

Similar Description - ARF7678AA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
   Bluetooth짰 technology class-2 module
August 2012 Rev 4
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
List of Unclassifed Man...
BTM430 ETC2-BTM430 Datasheet
448Kb / 2P
   Bluetooth짰 AT Data Module
logo
STMicroelectronics
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
STEVAL-SPBT3ATV3 STMICROELECTRONICS-STEVAL-SPBT3ATV3 Datasheet
742Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2632C2A.AT2 module
STEVAL-SPBT2ATV3 STMICROELECTRONICS-STEVAL-SPBT2ATV3 Datasheet
468Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2532C2.AT2 module
STEVAL-SPBT2ATV2 STMICROELECTRONICS-STEVAL-SPBT2ATV2 Datasheet
75Kb / 4P
   USB Dongle for the Bluetooth짰 class 2 SPBT2532C2.AT module
logo
Microchip Technology
BM83 MICROCHIP-BM83 Datasheet
4Mb / 74P
   BM83 Bluetooth짰 Stereo Audio Module Data Sheet
2019
logo
Texas Instruments
CC2560-PAN1315 TI1-CC2560-PAN1315 Datasheet
43Kb / 2P
[Old version datasheet]   Bluetooth짰 v2.1 Enhanced Data Rate (EDR) Module
logo
STMicroelectronics
GS-BT2416C1.AT1 STMICROELECTRONICS-GS-BT2416C1.AT1 Datasheet
489Kb / 38P
   Bluetooth짰 class 1 module with embedded SPP SW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com