Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP75N06HD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTP75N06HD
Description  TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP75N06HD Datasheet(HTML) 3 Page - Motorola, Inc

  MTP75N06HD Datasheet HTML 1Page - Motorola, Inc MTP75N06HD Datasheet HTML 2Page - Motorola, Inc MTP75N06HD Datasheet HTML 3Page - Motorola, Inc MTP75N06HD Datasheet HTML 4Page - Motorola, Inc MTP75N06HD Datasheet HTML 5Page - Motorola, Inc MTP75N06HD Datasheet HTML 6Page - Motorola, Inc MTP75N06HD Datasheet HTML 7Page - Motorola, Inc MTP75N06HD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTP75N06HD
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
TJ, JUNCTION TEMPERATURE (°C)
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
0
0.5
1
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
0
50
150
Figure 3. On–Resistance versus Drain Current
and Temperature
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
1
1000
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–To–Source Leakage
Current versus Voltage
VDS ≥ 10 V
TJ = – 55°C
25
°C
– 50
– 25
0
25
50
75
100
125
150
0
10
20
60
40
VGS = 0 V
TJ = 125°C
TJ = 25°C
VGS = 10 V
ID = 37.5 A
100
30
9 V
TJ = 25°C
100
°C
25
75
15 V
150
0
2
1.5
100
°C
0.016
0.012
0.009
0.007
0.006
1.9
1.6
1.3
1
0.7
2
5
4
7
3
6
8
125
100
75
50
25
VGS = 10 V
8 V
7 V
6 V
5 V
150
0
125
100
75
50
25
0.014
0.012
0.010
0.008
0.006
0.004
100
125
TJ = 25°C
VGS = 10 V
TJ = 100°C
25
°C
– 55
°C
VGS = 10 V
0.010
0.008
0
50
150
25
75
100
125
10
50
25
°C
0.011


Similar Part No. - MTP75N06HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP75N06HD ONSEMI-MTP75N06HD Datasheet
230Kb / 8P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
logo
VBsemi Electronics Co.,...
MTP75N06HD VBSEMI-MTP75N06HD Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTP75N06HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP55N06Z MOTOROLA-MTP55N06Z Datasheet
143Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm
MTP75N03HDL MOTOROLA-MTP75N03HDL Datasheet
235Kb / 8P
   TMOS POWER FET LOGIC LEVEL 75 AMPERES RDS(on) = 9.0 mOHM 25 VOLTS
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
   TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP1306 MOTOROLA-MTP1306 Datasheet
171Kb / 8P
   TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
MTP75N05HD MOTOROLA-MTP75N05HD Datasheet
214Kb / 8P
   TMOS POWER FET 75 AMPERES RDS(on) = 9.5 mW 50 VOLTS
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com