Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP75N06HD Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTP75N06HD
Description  TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP75N06HD Datasheet(HTML) 2 Page - Motorola, Inc

  MTP75N06HD Datasheet HTML 1Page - Motorola, Inc MTP75N06HD Datasheet HTML 2Page - Motorola, Inc MTP75N06HD Datasheet HTML 3Page - Motorola, Inc MTP75N06HD Datasheet HTML 4Page - Motorola, Inc MTP75N06HD Datasheet HTML 5Page - Motorola, Inc MTP75N06HD Datasheet HTML 6Page - Motorola, Inc MTP75N06HD Datasheet HTML 7Page - Motorola, Inc MTP75N06HD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTP75N06HD
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(Cpk ≥ 2.0) (3)
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
60
68
60.4
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 60 Vdc, VGS = 0 Vdc)
(VDS = 60 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 V)
IGSS
5.0
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(Cpk ≥ 5.0) (3)
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
3.0
8.38
4.0
Vdc
mV/
°C
Static Drain–Source On–Resistance
(Cpk ≥ 2.0) (3)
(VGS = 10 Vdc, ID = 37.5 Adc)
RDS(on)
8.3
10
m
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 75 Adc)
(ID = 37.5 Adc, TJ = 125°C)
VDS(on)
0.7
0.53
0.9
0.8
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 37.5 Adc)
gFS
15
32
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
2800
3920
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
928
1300
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
180
252
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDS = 30 Vdc, ID = 75 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
18
26
ns
Rise Time
(VDS = 30 Vdc, ID = 75 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
tr
218
306
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
67
94
Fall Time
G = 9.1 Ω)
tf
125
175
Gate Charge
(VDS = 48 Vdc, ID = 75 Adc,
VGS = 10 Vdc)
QT
71
100
nC
(VDS = 48 Vdc, ID = 75 Adc,
VGS = 10 Vdc)
Q1
16.3
(VDS = 48 Vdc, ID = 75 Adc,
VGS = 10 Vdc)
Q2
31
Q3
29.4
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage
(IS = 75 Adc, VGS = 0 Vdc)
(IS = 75 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.97
0.88
1.1
Vdc
Reverse Recovery Time
(IS = 75 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
56
ns
(IS = 75 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
44
(IS = 75 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
12
Reverse Recovery Stored Charge
QRR
0.103
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from contact screw on tab to center of die)
(Measured from the drain lead 0.25
″ from package to center of die)
LD
3.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.
(3) Reflects typical values.
Cpk =
Max limit – Typ
3 x SIGMA


Similar Part No. - MTP75N06HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP75N06HD ONSEMI-MTP75N06HD Datasheet
230Kb / 8P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
logo
VBsemi Electronics Co.,...
MTP75N06HD VBSEMI-MTP75N06HD Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTP75N06HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP55N06Z MOTOROLA-MTP55N06Z Datasheet
143Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm
MTP75N03HDL MOTOROLA-MTP75N03HDL Datasheet
235Kb / 8P
   TMOS POWER FET LOGIC LEVEL 75 AMPERES RDS(on) = 9.0 mOHM 25 VOLTS
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
   TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP1306 MOTOROLA-MTP1306 Datasheet
171Kb / 8P
   TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
MTP75N05HD MOTOROLA-MTP75N05HD Datasheet
214Kb / 8P
   TMOS POWER FET 75 AMPERES RDS(on) = 9.5 mW 50 VOLTS
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com