Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTP75N06HD Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTP75N06HD
Description  TMOS POWER FET 75 AMPERES RDS(on) = 10.0 mOHM 60 VOLTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTP75N06HD Datasheet(HTML) 1 Page - Motorola, Inc

  MTP75N06HD Datasheet HTML 1Page - Motorola, Inc MTP75N06HD Datasheet HTML 2Page - Motorola, Inc MTP75N06HD Datasheet HTML 3Page - Motorola, Inc MTP75N06HD Datasheet HTML 4Page - Motorola, Inc MTP75N06HD Datasheet HTML 5Page - Motorola, Inc MTP75N06HD Datasheet HTML 6Page - Motorola, Inc MTP75N06HD Datasheet HTML 7Page - Motorola, Inc MTP75N06HD Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Designer's™ Data Sheet
HDTMOS E-FET™
High Density Power FET
N–Channel Enhancement–Mode Silicon Gate
This advanced high–cell density HDTMOS E–FET is designed to
withstand high energy in the avalanche and commutation modes.
This new energy efficient design also offers a drain–to–source
diode with a fast recovery time. Designed for low–voltage,
high–speed switching applications in power supplies, converters
and PWM motor controls, and inductive loads. The avalanche
energy capability is specified to eliminate the guesswork in designs
where inductive loads are switched, and to offer additional safety
margin against unexpected voltage transients.
• Ultra Low RDS(on), High–Cell Density, HDTMOS
• Diode is Characterized for Use in Bridge Circuits
• IDSS and VDS(on) Specified at Elevated Temperature
• Avalanche Energy Specified
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain–Source Voltage
VDSS
60
Vdc
Drain–Gate Voltage (RGS = 1.0 MΩ)
VDGR
60
Vdc
Gate–Source Voltage — Continuous
Gate–Source Voltage — Single Pulse
VGS
± 20
± 30
Vdc
Vpk
Drain Current — Continuous
Drain Current — Continuous @ 100
°C
Drain Current — Single Pulse (tp ≤ 10 µs)
ID
ID
IDM
75
50
225
Adc
Apk
Total Power Dissipation
Derate above 25
°C
PD
150
1.0
Watts
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 175
°C
Single Pulse Drain–to–Source Avalanche Energy — Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 10 Vdc, IL = 75 Apk, L = 0.177 mH, RG = 25 Ω)
EAS
500
mJ
Thermal Resistance — Junction to Case
Thermal Resistance — Junction to Ambient
R
θJC
R
θJA
1.0
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Designer’s Data for “Worst Case” Conditions — The Designer’s Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit
curves — representing boundaries on device characteristics — are given to facilitate “worst case” design.
E–FET, Designer’s and HDTMOS are trademarks of Motorola, Inc.
TMOS is a registered trademark of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
REV 1
Order this document
by MTP75N06HD/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
MTP75N06HD
TMOS POWER FET
75 AMPERES
RDS(on) = 10.0 mOHM
60 VOLTS
Motorola Preferred Device
D
S
G
CASE 221A–06, Style 5
TO–220AB


Similar Part No. - MTP75N06HD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP75N06HD ONSEMI-MTP75N06HD Datasheet
230Kb / 8P
   N?묬hannel Power MOSFET
August, 2006 ??Rev. 4
logo
VBsemi Electronics Co.,...
MTP75N06HD VBSEMI-MTP75N06HD Datasheet
979Kb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTP75N06HD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP55N06Z MOTOROLA-MTP55N06Z Datasheet
143Kb / 6P
   TMOS POWER FET 55 AMPERES 60 VOLTS RDS(on) = 18 mohm
MTP75N03HDL MOTOROLA-MTP75N03HDL Datasheet
235Kb / 8P
   TMOS POWER FET LOGIC LEVEL 75 AMPERES RDS(on) = 9.0 mOHM 25 VOLTS
MTD20P06HDL MOTOROLA-MTD20P06HDL Datasheet
308Kb / 12P
   TMOS POWER FET LOGIC LEVEL 15 AMPERES 60 VOLTS RDS(on) = 175 MOHM
MTP1302 MOTOROLA-MTP1302 Datasheet
166Kb / 8P
   TMOS POWER FET 42 AMPERES 30 VOLTS RDS(on) = 22 mohm
MTB75N06HD MOTOROLA-MTB75N06HD Datasheet
342Kb / 12P
   TMOS POWER FET 75 AMPERES 60 VOLTS
MTP60N06HD MOTOROLA-MTP60N06HD Datasheet
217Kb / 8P
   TMOS POWER FET 60 AMPERES 60 VOLTS RDS(on) = 0.014 OHM
MTP1306 MOTOROLA-MTP1306 Datasheet
171Kb / 8P
   TMOS POWER FET 75 AMPERES 30 VOLTS RDS(on) = 0.0065 OHM
MTP75N05HD MOTOROLA-MTP75N05HD Datasheet
214Kb / 8P
   TMOS POWER FET 75 AMPERES RDS(on) = 9.5 mW 50 VOLTS
MTP50N06V MOTOROLA-MTP50N06V Datasheet
179Kb / 8P
   TMOS POWER FET 42 AMPERES 60 VOLTS RDS(on) = 0.028 OHM
MTP52N06VL MOTOROLA-MTP52N06VL Datasheet
166Kb / 8P
   TMOS POWER FET 52 AMPERES 60 VOLTS RDS(on) = 0.025 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com