Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAG49KBBD Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PXAG49KBBD
Description  XA 16-bit microcontroller family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXAG49KBBD Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PXAG49KBBD Datasheet HTML 13Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 14Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 15Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 16Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 17Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 18Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 19Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 20Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2001 Jun 27
17
API CALL
PARAMETER
READ DEVICE ID # 1
Input Parameters:
R0H = 00h
R6H = 00h
R6L = 01h (device ID # 1)
Return Parameter
R4L = value of byte read
READ DEVICE ID # 2
Input Parameters:
R0H = 00h
R6H = 00h
R6L = 02h (device ID # 2)
Return Parameter
R4L = value of byte read
READ SECURITY BITS
Input Parameters:
R0H = 07h
R6H = 00h
R6L = 00h (security bits)
Return Parameter
R4L = value of byte read R4L[3:1] = sb3, sb2, sb1
READ STATUS BYTE
Input Parameters:
R0H = 07h
R6H = 00h
R6L = 01h (status byte)
Return Parameter
R4L = value of BPC[15:8]
READ BPC
Input Parameters:
R0H = 07h
R6H = 00h
R6L = 02h (boot vector)
Return Parameter
R4L = value of byte read (high byte of Boot PC)
PROGRAM ALL ZERO
Input Parameters:
R0H = 90h
R6H = block number in bits 7:5, bits 4:0 = ‘0’
block 0 : r6h = 00h
block 1 : r6h = 20h
block 2 : r6h = 40h
block 3 : r6h = 80h
block 4 : r6h = C0h
R6L = 00h
Return Parameters:
R4L = 00 if pass, non–zero if fail
ERASE CHIP
Input Parameters:
R0H = 91h
R4L = 55h
(after chip erase, return to caller)
= AAh
(after chip erase, reset chip)
= others: error
Return Parameters:
R4L = 00 if pass, non–zero if fail
PROGRAM SPECIAL CELL
Input Parameters:
R0H = 94h
R6
= special cell address
0000h: program BPSW[7:0]
0001h: program BPSW[15:8]
0002h: program BPC[7:0]
0003h: program BPC[15:8]
0004h: program status byte
000Ah: program security bit #1
000Ch: program security bit #2
000Eh: program security bit #3
R4L = byte value to program
Return Parameters:
R4L = 00 if pass, non–zero if fail
NOTE: Only two bits of these Special Cells may be programmed at one time.


Similar Part No. - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAG49KBA PHILIPS-PXAG49KBA Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
More results

Similar Description - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
   NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
[Old version datasheet]   8·Bit Microcontroller Family
1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com