Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAG49KBBD Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PXAG49KBBD
Description  XA 16-bit microcontroller family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXAG49KBBD Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PXAG49KBBD Datasheet HTML 11Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 12Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 13Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 14Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 15Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 16Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 17Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 18Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2001 Jun 27
15
RECORD TYPE
COMMAND/DATA FUNCTION
84
Display Device Data or Blank Check – Record type 84 causes the contents of the entire FLASH array to be sent out
the serial port in a formatted display. This display consists of an address and the contents of 16 bytes starting with that
address. No display of the device contents will occur if security bit 2 has been programmed. The dumping of the device
data to the serial port is terminated by the reception of any character.
General Format of Function 84
:05xxxx84sssseeeeffcc
Where:
05
= number of bytes (hex) in record
xxxx
= required field, but value is a “don’t care”
84
= “Display Device Data or Blank Check” function code
ssss
= starting address
eeee
= ending address
ff
= subfunction
00 = display data
01 = blank check
cc
= checksum
Example:
:0500008440004FFF00E9
display 4000–4FFF
85
Miscellaneous Read Functions
General Format of Function 85
:02xxxx85ffsscc
Where:
02
=
number of bytes (hex) in record
xxxx
=
required field, but value is a “don’t care”
85
=
“Miscellaneous Read” function code
ffss
=
subfunction and selection code
0000 = read signature byte – manufacturer id (15H)
0001 = read signature byte – device id # 1
(EAH)
0002 = read signature byte – device id # 2
(XA–G49 = 54H))
0700 = read security bits (returned value bits 3:1 = sb3,sb2,sb1)
0701 = read status byte
0702 = read boot vector
cc
= checksum
Example:
:02000085000178
read signature byte – device id # 1


Similar Part No. - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAG49KBA PHILIPS-PXAG49KBA Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
More results

Similar Description - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
   NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
[Old version datasheet]   8·Bit Microcontroller Family
1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com