Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAG49KBBD Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PXAG49KBBD
Description  XA 16-bit microcontroller family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXAG49KBBD Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PXAG49KBBD Datasheet HTML 9Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 10Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 11Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 12Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 13Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 14Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 15Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 16Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2001 Jun 27
13
User Supplied Loader
A user program can simply decide at any time, for any reason, to
begin Flash programming operations. All it has to do in advance is to
instruct external circuitry to apply +5 V or +12 V to the VPP pin, and
make certain that the Boot ROM is enabled. User code may contain
a loader designed to replace the application code contained in the
Flash memory by loading new code through any communication
medium available in the application. This is completely flexible and
defined by the designer of the system. It could be done serially using
RS-232, serially using some other method, or even parallel over a
user defined I/O port. The user has the freedom to choose a method
that does not interfere with the application circuit. As an added
feature, the application program may also use the Flash memory as
a long term data storage, saving configuration information, sensor
readings, or any other desired data.
The actual loader code would typically be programmed by the user
into the microcontroller in a parallel fashion or via the default loader
during their manufacturing process. The entire initial Flash contents
may be programmed at that time, or the rest of the application may
be programmed into the Flash memory at a later time, possibly
using the loader code to do the programming.
This application controlled programming capability allows for the
possibility of changing the application code in the field. If the
application circuit is embedded in a PC, or has a way to establish a
telephone data link to a user’s or manufacturer’s computer, new
code could be downloaded from diskette or a manufacturer’s
support system. There is even the possibility of conducting very
specialized remote testing of a failing circuit board by the
manufacturer by remotely programming a series of detailed test
programs into the application board and checking the results.
Any user supplied loader should take the watchdog timer into
account. Typically, the watchdog timer would be disabled upon entry
to the loader if it might be running, in order to prevent a watchdog
reset from occurring during programming.


Similar Part No. - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAG49KBA PHILIPS-PXAG49KBA Datasheet
299Kb / 42P
XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
More results

Similar Description - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
Automotive XA Product Family
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
8·Bit Microcontroller Family
1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com