Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAG49KBBD Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PXAG49KBBD
Description  XA 16-bit microcontroller family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXAG49KBBD Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PXAG49KBBD Datasheet HTML 8Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 9Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 10Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 11Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 12Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 13Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 14Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 15Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2001 Jun 27
12
VDD SUPPLY OR +12V ±5%
5V
±5%
TxD
RxD
VSS
VPP
VDD
TxD
RxD
RST
XTAL2
XTAL1
SU01072
VSS
VCC
2
3
5
FEMALE
DB-9
RS-232
TRANSCEIVER
MC145406, MAX232,
OR EQUIVALENT
FOR USE WITH WINISP
Figure 4. In-System Programming with a Minimum of Pins
In-System Programming (ISP)
In-System Programming (ISP) is performed without removing the
microcontroller from the system. The In-System Programming (ISP)
facility consists of a series of internal hardware resources coupled
with internal firmware to facilitate remote programming of the
XA-G49 through the serial port. This firmware is provided by Philips
and embedded within each XA-G49 device.
The Philips In-System Programming (ISP) facility has made in-circuit
programming in an embedded application possible with a minimum
of additional expense in components and circuit board area.
The ISP function uses five pins: TxD, RxD, VSS, VDD, and VPP (see
Figure 4). Only a small connector needs to be available to interface
your application to an external circuit in order to use this feature.
The VPP supply should be adequately decoupled and VPP not
allowed to exceed datasheet limits.
VCC
VPP
OSC FREQ
IDD
5.0 V
5.0 V
22 MHz
75 ma typical
5.0 V
5.0 V
30 MHz
90 ma typical
ISP increases IDD by less than 1mA.
ISP software is available on the Philips web site
1. With your browser, open this page:
www.semiconductors.com
2. Enter winzip.zip into the Search box at the top of the Philips
web page.
3. Click on Microcontrollers Software support.
4. Download disk1.zip and disk2.zip.
5. Create a directory on your hard drive named WINISP.
6. Unzip the two disk files into this new directory WINISP.
Using In-System Programming (ISP)
ISP mode is entered by holding PSEN low, asserting, un-asserting
RESET, then releasing PSEN. When ISP mode is entered, the
default loader first disables the watchdog timer to prevent a
watchdog reset from occurring during programming.
The ISP feature allows for a wide range of baud rates to be used in
the application, independent of the oscillator frequency. It is also
adaptable to a wide range of oscillator frequencies. This is
accomplished by measuring the bit-time of a single bit in a received
character. This information is then used to program the baud rate in
terms of timer counts based on the oscillator frequency. The ISP
feature requires that an initial character (a lowercase f) be sent to
the XA-G49 to establish the baud rate. The ISP firmware provides
auto-echo of received characters.
Once baud rate initialization has been performed, the ISP firmware
will only accept specific Intel Hex-type records. Intel Hex records
consist of ASCII characters used to represent hexadecimal values
and are summarized below:
:NNAAAARRDD..DDCC<crlf>
In the Intel Hex record, the “NN” represents the number of data
bytes in the record. The XA-G49 will accept up to 16 (10H) data
bytes. The “AAAA” string represents the address of the first byte in
the record. If there are zero bytes in the record, this field is often set
to 0000. The “RR” string indicates the record type. A record type of
“00” is a data record. A record type of “01” indicates the end-of-file
mark. In this application, additional record types will be added to
indicate either commands or data for the ISP facility. The maximum
number of data bytes in a record is limited to 16 (decimal). ISP
commands are summarized in Table 1.
As a record is received by the XA-G49, the information in the record
is stored internally and a checksum calculation is performed. The
operation indicated by the record type is not performed until the
entire record has been received. Should an error occur in the
checksum, the XA-G49 will send an “X” out the serial port indicating
a checksum error. If the checksum calculation is found to match the
checksum in the record, then the command will be executed. In
most cases, successful reception of the record will be indicated by
transmitting a “.” character out the serial port (displaying the
contents of the internal program memory is an exception).
In the case of a Data Record (record type 00), an additional check is
made. A “.” character will NOT be sent unless the record checksum
matched the calculated checksum and all of the bytes in the record
were successfully programmed. For a data record, an “X” indicates
that the checksum failed to match, and an “R” character indicates
that one of the bytes did not properly program.
The ISP facility was designed so that specific crystal frequencies
were not required in order to generate baud rates or time the
programming pulses.


Similar Part No. - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAG49KBA PHILIPS-PXAG49KBA Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
More results

Similar Description - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
   NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
[Old version datasheet]   8·Bit Microcontroller Family
1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com