Electronic Components Datasheet Search |
|
PXAG49KBBD Datasheet(PDF) 11 Page - NXP Semiconductors |
|
|
PXAG49KBBD Datasheet(HTML) 11 Page - NXP Semiconductors |
11 / 42 page Philips Semiconductors Preliminary data XA-G49 XA 16-bit microcontroller family 64K Flash/2K RAM, watchdog, 2 UARTs 2001 Jun 27 11 FFFF C000 8000 4000 2000 0000 BLOCK 4 16k BYTES BLOCK 3 16k BYTES BLOCK 2 16k BYTES BLOCK 1 8k BYTES BLOCK 0 8k BYTES PROGRAM ADDRESS BOOT ROM FFFF F800 SU01034 Figure 3. Flash Memory Configuration FMIDLE The FMIDLE bit in the AUXR register allows saving additional power by turning off the Flash memory when the CPU is in the Idle mode. This must be done just prior to initiating the Idle mode, as shown below. OR AUXR,#$40 ; Set Flash memory to idle mode. OR PCON,#$01 ; Turn on Idle mode. . . ; Execution resumes here when Idle mode terminates. When the Flash memory is put into the Idle mode by setting FMIDLE, restarting the CPU upon exiting Idle mode takes slightly longer, about 3 microseconds. However, the standby current consumed by the Flash memory is reduced from about 8mA to about 1mA. Default Loader A default loader that accepts programming commands in a predetermined format is contained permanently in the Boot ROM. A factory fresh device will enter this loader automatically if it is powered up without first being programmed by the user. Loader commands include functions such as erase block; program Flash memory; read Flash memory; and blank check. Boot Vector The XA-G49 contains two special FLASH registers: the BOOT VECTOR and the STATUS BYTE. The “Boot Vector” allows forcing the execution of a user supplied Flash loader upon reset, under two specific sets of conditions. At the falling edge of reset, the XA-G49 examines the contents of the Status Byte. If the Status Byte is set to zero, power-up execution starts at location 0000H, which is the normal start address of the user’s application code. When the Status Byte is set to a value other than zero, the Boot Vector is used as the reset vector (4 bytes), including the Boot Program Counter (BPC) and the Boot PSW (BPSW). The factory default settings are 8000h for the BPSW and F800h for the BPC, which corresponds to the address F900h for the factory masked-ROM ISP boot loader. The Status Byte is automatically set to a non-zero value when a programming error occurs. A custom boot loader can be written with the Boot Vector set to the custom boot loader. NOTE: When erasing the Status Byte or Boot Vector, these bytes are erased at the same time. It is necessary to reprogram the Boot Vector after erasing and updating the Status Byte. Hardware Activation of the Boot Vector Program execution at the Boot Vector may also be forced from outside of the microcontroller by setting the correct state on a few pins. While Reset is asserted, the PSEN pin must be pulled low, the ALE pin allowed to float high (need not be pulled up externally), and the EA pin driven to a logic high (or up to VPP). Then reset may be released. This is the same effect as having a non-zero status byte. This allows building an application that will normally execute the end user’s code but can be manually forced into ISP operation. The Boot ROM is enabled when use of the Boot Vector is forced as described above, so the branch may go to the default loader. Conversely, user code in the top 2 kbytes of the Flash memory may not be executed when the Boot Vector is used. If the factory default setting for the BPC (F800h) is changed, it will no longer point to the ISP masked-ROM boot loader code. If this happens, the only possible way to change the contents of the Boot Vector is through the parallel programming method, provided that the end user application does not contain a customized loader that provides for erasing and reprogramming of the Boot Vector and Status Byte. After programming the FLASH, the status byte should be erased to zero in order to allow execution of the user’s application code beginning at address 0000H. |
Similar Part No. - PXAG49KBBD |
|
Similar Description - PXAG49KBBD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |