Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAG49KBBD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PXAG49KBBD
Description  XA 16-bit microcontroller family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXAG49KBBD Datasheet(HTML) 4 Page - NXP Semiconductors

  PXAG49KBBD Datasheet HTML 1Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 2Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 3Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 4Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 5Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 6Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 7Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 8Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2001 Jun 27
4
PIN CONFIGURATIONS
44-Pin PLCC Package
PLCC
61
40
7
17
39
29
18
28
Pin
Function
1VSS
2
P1.0/A0/WRH
3
P1.1/A1
4
P1.2/A2
5
P1.3/A3
6
P1.4/RxD1
7
P1.5/TxD1
8
P1.6/T2
9
P1.7/T2EX
10
RST
11
P3.0/RxD0
12
NC
13
P3.1/TxD0
14
P3.2/INT0
15
P3.3/INT1
16
P3.4/T0
17
P3.5/T1/BUSW
18
P3.6/WRL
19
P3.7/RD
20
XTAL2
21
XTAL1
22
VSS
Pin
Function
23
VDD
24
P2.0/A12D8
25
P2.1/A13D9
26
P2.2/A14D10
27
P2.3/A15D11
28
P2.4/A16D12
29
P2.5/A17D13
30
P2.6/A18D14
31
P2.7/A19D15
32
PSEN
33
ALE
34
NC
35
EA/VPP/WAIT
36
P0.7/A11D7
37
P0.6/A10D6
38
P0.5/A9D5
39
P0.4/A8D4
40
P0.3/A7D3
41
P0.2/A6D2
42
P0.1/A5D1
43
P0.0/A4D0
44
VDD
SU01035
44-Pin LQFP Package
LQFP
44
34
1
11
33
23
12
22
Pin
Function
1
P1.5/TxD1
2
P1.6/T2
3
P1.7/T2EX
4
RST
5
P3.0/RxD0
6NC
7
P3.1/TxD0
8
P3.2/INT0
9
P3.3/INT1
10
P3.4/T0
11
P3.5/T1/BUSW
12
P3.6/WRL
13
P3.7/RD
14
XTAL2
15
XTAL1
16
VSS
17
VDD
18
P2.0/A12D8
19
P2.1/A13D9
20
P2.2/A14D10
21
P2.3/A15D11
22
P2.4/A16/D12
Pin
Function
23
P2.5/A17D13
24
P2.6/A18D14
25
P2.7/A19D15
26
PSEN
27
ALE
28
NC
29
EA/VPP/WAIT
30
P0.7/A11D7
31
P0.6/A10D6
32
P0.5/A9D5
33
P0.4/A8D4
34
P0.3/A7D3
35
P0.2/A6D2
36
P0.1/A5D1
37
P0.0/A4D0
38
VDD
39
VSS
40
P1.0/A0/WRH
41
P1.1/A1
42
P1.2/A2
43
P1.3/A3
44
P1.4/RxD1
SU01036


Similar Part No. - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAG49KBA PHILIPS-PXAG49KBA Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
More results

Similar Description - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
   NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
[Old version datasheet]   8·Bit Microcontroller Family
1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com