Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAG49KBBD Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PXAG49KBBD
Description  XA 16-bit microcontroller family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXAG49KBBD Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PXAG49KBBD Datasheet HTML 29Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 30Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 31Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 32Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 33Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 34Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 35Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 36Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2001 Jun 27
33
AC ELECTRICAL CHARACTERISTICS (5 V)
VDD = 4.5 V to 5.5 V; Tamb = 0 to +70 °C for commercial; VDD = 4.75 V to 5.25 V, –40 °C to +85 °C for industrial.
SYMBOL
FIGURE
PARAMETER
VARIABLE CLOCK
UNIT
SYMBOL
FIGURE
PARAMETER
MIN
MAX
UNIT
External Clock
fC
Oscillator frequency
0
30
MHz
tC
26
Clock period and CPU timing cycle
1/fC
ns
tCHCX
26
Clock high time
tC * 0.5 7
ns
tCLCX
26
Clock low time
tC * 0.4 7
ns
tCLCH
26
Clock rise time
5
ns
tCHCL
26
Clock fall time
5
ns
Address Cycle
tCRAR
25
Delay from clock rising edge to ALE rising edge
5
46
ns
tLHLL
20
ALE pulse width (programmable)
(V1 * tC) – 6
ns
tAVLL
20
Address valid to ALE de-asserted (set-up)
(V1 * tC) – 14
ns
tLLAX
20
Address hold after ALE de-asserted
(tC/2) – 10
ns
Code Read Cycle
tPLPH
20
PSEN pulse width
(V2 * tC) – 10
ns
tLLPL
20
ALE de-asserted to PSEN asserted
(tC/2) – 7
ns
tAVIVA
20
Address valid to instruction valid, ALE cycle (access time)
(V3 * tC) – 36
ns
tAVIVB
21
Address valid to instruction valid, non-ALE cycle (access time)
(V4 * tC) – 29
ns
tPLIV
20
PSEN asserted to instruction valid (enable time)
(V2 * tC) – 29
ns
tPXIX
20
Instruction hold after PSEN de-asserted
0
ns
tPXIZ
20
Bus 3-State after PSEN de-asserted (disable time)
tC – 8
ns
tIXUA
20
Hold time of unlatched part of address after instruction latched
0
ns
Data Read Cycle
tRLRH
22
RD pulse width
(V7 * tC) – 10
ns
tLLRL
22
ALE de-asserted to RD asserted
(tC/2) – 7
ns
tAVDVA
22
Address valid to data input valid, ALE cycle (access time)
(V6 * tC) – 36
ns
tAVDVB
23
Address valid to data input valid, non-ALE cycle (access time)
(V5 * tC) – 29
ns
tRLDV
22
RD low to valid data in, enable time
(V7 * tC) – 29
ns
tRHDX
22
Data hold time after RD de-asserted
0
ns
tRHDZ
22
Bus 3-State after RD de-asserted (disable time)
tC – 8
ns
tDXUA
22
Hold time of unlatched part of address after data latched
0
ns
Data Write Cycle
tWLWH
24
WR pulse width
(V8 * tC) – 10
ns
tLLWL
24
ALE falling edge to WR asserted
(V12 * tC) – 10
ns
tQVWX
24
Data valid before WR asserted (data setup time)
(V13 * tC) – 22
ns
tWHQX
24
Data hold time after WR de-asserted (Note 6)
(V11 * tC) – 7
ns
tAVWL
24
Address valid to WR asserted (address setup time) (Note 5)
(V9 * tC) – 22
ns
tUAWH
24
Hold time of unlatched part of address after WR is de-asserted
(V11 * tC) – 7
ns
Wait Input
tWTH
25
WAIT stable after bus strobe (RD, WR, or PSEN) asserted
(V10 * tC) – 30
ns
tWTL
25
WAIT hold after bus strobe (RD, WR, or PSEN) assertion
(V10 * tC) – 5
ns
NOTES:
1. Load capacitance for all outputs = 80pF.
2. Variables V1 through V13 reflect programmable bus timing, which is programmed via the Bus Timing registers (BTRH and BTRL).
Refer to the
XA User Guide for details of the bus timing settings.
V1)
This variable represents the programmed width of the ALE pulse as determined by the ALEW bit in the BTRL register.
V1 = 0.5 if the ALEW bit = 0, and 1.5 if the ALEW bit = 1.


Similar Part No. - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAG49KBA PHILIPS-PXAG49KBA Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
More results

Similar Description - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
   NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
[Old version datasheet]   8·Bit Microcontroller Family
1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com