Electronic Components Datasheet Search |
|
PXAG49KBBD Datasheet(PDF) 25 Page - NXP Semiconductors |
|
|
PXAG49KBBD Datasheet(HTML) 25 Page - NXP Semiconductors |
25 / 42 page Philips Semiconductors Preliminary data XA-G49 XA 16-bit microcontroller family 64K Flash/2K RAM, watchdog, 2 UARTs 2001 Jun 27 25 PRE2 PRE1 PRE0 — — WDRUN WDTOF WDCON 8–BIT DOWN COUNTER PRESCALER TCLK MOV WFEED1,#A5H MOV WFEED2,#5AH WATCHDOG FEED SEQUENCE WDL SU00581A — INTERNAL RESET Figure 14. Watchdog Timer in XA-G49 When the watchdog underflows, the following action takes place (see Figure 14): • Autoload takes place. • Watchdog time-out flag is set • Watchdog run bit unchanged. • Autoload (WDL) register unchanged. • Prescaler tap unchanged. • All other device action same as external reset. Note that if the watchdog underflows, the program counter will be loaded from the reset vector as in the case of an internal reset. The watchdog time-out flag can be examined to determine if the watchdog has caused the reset condition. The watchdog time-out flag bit can be cleared by software. WDCON Register Bit Definitions WDCON.7 PRE2 Prescaler Select 2, reset to 1 WDCON.6 PRE1 Prescaler Select 1, reset to 1 WDCON.5 PRE0 Prescaler Select 0, reset to 1 WDCON.4 — WDCON.3 — WDCON.2 WDRUN Watchdog Run Control bit, reset to 1 WDCON.1 WDTOF Timeout flag WDCON.0 — UARTs The XA-G49 includes 2 UART ports that are compatible with the enhanced UART used on the 8xC51FB. Baud rate selection is somewhat different due to the clocking scheme used for the XA timers. Some other enhancements have been made to UART operation. The first is that there are separate interrupt vectors for each UART’s transmit and receive functions. The UART transmitter has been double buffered, allowing packed transmission of data with no gaps between bytes and less critical interrupt service routine timing. A break detect function has been added to the UART. This operates independently of the UART itself and provides a start-of-break status bit that the program may test. Finally, an Overrun Error flag has been added to detect missed characters in the received data stream. The double buffered UART transmitter may require some software changes in code written for the original XA-G49 single buffered UART. Each UART baud rate is determined by either a fixed division of the oscillator (in UART modes 0 and 2) or by the timer 1 or timer 2 overflow rate (in UART modes 1 and 3). Timer 1 defaults to clock both UART0 and UART1. Timer 2 can be programmed to clock either UART0 through T2CON (via bits R0CLK and T0CLK) or UART1 through T2MOD (via bits R1CLK and T1CLK). In this case, the UART not clocked by T2 could use T1 as the clock source. The serial port receive and transmit registers are both accessed at Special Function Register SnBUF. Writing to SnBUF loads the transmit register, and reading SnBUF accesses a physically separate receive register. The serial port can operate in 4 modes: Mode 0: Serial I/O expansion mode. Serial data enters and exits through RxDn. TxDn outputs the shift clock. 8 bits are transmitted/received (LSB first). (The baud rate is fixed at 1/16 the oscillator frequency.) Mode 1: Standard 8-bit UART mode. 10 bits are transmitted (through TxDn) or received (through RxDn): a start bit (0), 8 data bits (LSB first), and a stop bit (1). On receive, the stop bit goes into RB8 in Special Function Register SnCON. The baud rate is variable. Mode 2: Fixed rate 9-bit UART mode. 11 bits are transmitted (through TxD) or received (through RxD): start bit (0), 8 data bits (LSB first), a programmable 9th data bit, and a stop bit (1). On Transmit, the 9th data bit (TB8_n in SnCON) can be assigned the value of 0 or 1. Or, for example, the parity bit (P, in the PSW) could be moved into TB8_n. On receive, the 9th data bit goes into RB8_n in Special Function Register SnCON, while the stop bit is ignored. The baud rate is programmable to 1/32 of the oscillator frequency. Mode 3: Standard 9-bit UART mode. 11 bits are transmitted (through TxDn) or received (through RxDn): a start bit (0), 8 data bits (LSB first), a programmable 9th data bit, and a stop bit (1). In fact, Mode 3 is the same as Mode 2 in all respects except baud rate. The baud rate in Mode 3 is variable. In all four modes, transmission is initiated by any instruction that uses SnBUF as a destination register. Reception is initiated in Mode 0 by the condition RI_n = 0 and REN_n = 1. Reception is initiated in the other modes by the incoming start bit if REN_n = 1. |
Similar Part No. - PXAG49KBBD |
|
Similar Description - PXAG49KBBD |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |