Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXAG49KBBD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PXAG49KBBD
Description  XA 16-bit microcontroller family
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXAG49KBBD Datasheet(HTML) 2 Page - NXP Semiconductors

  PXAG49KBBD Datasheet HTML 1Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 2Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 3Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 4Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 5Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 6Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 7Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 8Page - NXP Semiconductors PXAG49KBBD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Philips Semiconductors
Preliminary data
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2
2001 Jun 27
GENERAL DESCRIPTION
The XA-G49 is a member of Philips’ 80C51 XA (eXtended
Architecture) family of high performance 16-bit single-chip
microcontrollers.
The XA-G49 contains 64 kbytes of Flash program memory, and
provides three general purpose timers/counters, a watchdog timer,
dual UARTs, and four general purpose I/O ports with programmable
output configurations.
A default serial loader program in the Boot ROM allows In-System
Programming (ISP) of the Flash memory without the need for a
loader in the Flash code. User programs may erase and reprogram
the Flash memory at will through the use of standard routines
contained in the Boot ROM (In-Application Programming).
FEATURES
64 kbytes of on-chip Flash program memory with In-System
Programming capability
Five Flash blocks = two 8 kbyte blocks and three 16 kbyte blocks
Nearly identical to XA-G3, except for double the program and
RAM memories
Single supply voltage In-System Programming (ISP) of the Flash
memory (VPP = VDD, or VPP = 12 V if desired)
Boot ROM contains low level Flash programming routines for
In-Application Programming and a default serial loader using the
UART
2048 bytes of on-chip data RAM
Supports off-chip program and data addressing up to 1 megabyte
(20 address lines)
Three standard counter/timers with enhanced features (same as
XA-G3 T0, T1, and T2). All timers have a toggle output capability
Watchdog timer
Two enhanced UARTs with independent baud rates
Seven software interrupts
Four 8-bit I/O ports, with 4 programmable output configurations for
each pin
30 MHz operating frequency at 5 V
Power saving operating modes: Idle and Power-Down.
Wake-Up from power-down via an external interrupt is supported.
44-pin PLCC and 44-pin LQFP packages
BLOCK DIAGRAM
Timer 2
UART 1
UART 0
XA CPU Core
Watchdog
Timer
Port 0
Port 1
Port 2
2048 Bytes
Static RAM
64K Bytes
FLASH
SFR
bus
Port 3
Program
Memory
Bus
Data
Bus
SU01002
Timer 0, 1


Similar Part No. - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXAG49KBA PHILIPS-PXAG49KBA Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
More results

Similar Description - PXAG49KBBD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G49 PHILIPS-XA-G49 Datasheet
299Kb / 42P
   XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
2000 Apr 03
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
logo
Freescale Semiconductor...
MC9S12B FREESCALE-MC9S12B Datasheet
125Kb / 14P
   MC9S12B Family 16-bit Microcontroller
logo
NXP Semiconductors
MC9S12XD NXP-MC9S12XD Datasheet
577Kb / 16P
   NeXt Generation 16-Bit Microcontroller Family
Rev 2.3, 9-Jun-04
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
Texas Instruments
TMS7000 TI-TMS7000 Datasheet
32Mb / 618P
[Old version datasheet]   8·Bit Microcontroller Family
1989
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com