Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1640T-ICHY Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP1640T-ICHY
Description  0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640T-ICHY Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP1640T-ICHY Datasheet HTML 11Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 12Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 13Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 14Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 15Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 16Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 17Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 18Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
 2010 Microchip Technology Inc.
DS22234A-page 15
MCP1640/B/C/D
5.0
APPLICATION INFORMATION
5.1
Typical Applications
The MCP1640/B/C/D synchronous boost regulator
operates over a wide input voltage and output voltage
range. The power efficiency is high for several decades
of load range. Output current capability increases with
input voltage and decreases with increasing output
voltage. The maximum output current is based on the
N-Channel peak current limit. Typical characterization
curves in this data sheet are presented to display the
typical output current capability.
5.2
Adjustable Output Voltage
Calculations
To calculate the resistor divider values for the
MCP1640/B/C/D, the following equation can be used.
Where RTOP is connected to VOUT, RBOT is connected
to GND and both are connected to the FB input pin.
EQUATION 5-1:
Example A:
VOUT = 3.3V
VFB = 1.21V
RBOT = 309 k
RTOP = 533.7 k (Standard Value = 536 k)
Example B:
VOUT = 5.0V
VFB = 1.21V
RBOT = 309 k
RTOP = 967.9 k (Standard Value = 976 k)
There are some potential issues with higher value
resistors.
For
small
surface
mount
resistors,
environment contamination can create leakage paths
that significantly change the resistor divider that effect
the output voltage. The FB input leakage current can
also impact the divider and change the output voltage
tolerance.
5.3
Input Capacitor Selection
The boost input current is smoothed by the boost
inductor reducing the amount of filtering necessary at
the input. Some capacitance is recommended to
provide decoupling from the source. Low ESR X5R or
X7R are well suited since they have a low temperature
coefficient and small size. For most applications,
4.7 µF of capacitance is sufficient at the input. For high
power applications that have high source impedance or
long leads, connecting the battery to the input 10 µF of
capacitance
is
recommended.
Additional
input
capacitance can be added to provide a stable input
voltage.
Table 5-1 contains the recommended range for the
input capacitor value.
5.4
Output Capacitor Selection
The output capacitor helps provide a stable output
voltage during sudden load transients and reduces the
output voltage ripple. As with the input capacitor, X5R
and X7R ceramic capacitors are well suited for this
application.
The MCP1640/B/C/D is internally compensated so
output capacitance range is limited. See Table 5-1 for
the recommended output capacitor range.
While the N-Channel switch is on, the output current is
supplied by the output capacitor COUT. The amount of
output capacitance and equivalent series resistance
will have a significant effect on the output ripple
voltage. While COUT provides load current, a voltage
drop also appears across its internal ESR that results
in ripple voltage.
EQUATION 5-2:
Where dV represents the ripple voltage and dt
represents the ON time of the N-Channel switch (D * 1/
FSW).
Table 5-1 contains the recommended range for the
input and output capacitor value.
R
TOP
R
BOT
V
OUT
V
FB
-------------
1


=
TABLE 5-1:
CAPACITOR VALUE RANGE
CIN
COUT
Min
4.7 µF
10 µF
Max
none
100 µF
I
OUT
C
OUT
dV
dt
-------


=


Similar Part No. - MCP1640T-ICHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results

Similar Description - MCP1640T-ICHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
   High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com