Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1640T-ICHY Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1640T-ICHY
Description  0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640T-ICHY Datasheet(HTML) 4 Page - Microchip Technology

  MCP1640T-ICHY Datasheet HTML 1Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 2Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 3Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 4Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 5Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 6Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 7Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 8Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
MCP1640/B/C/D
DS22234A-page 4
 2010 Microchip Technology Inc.
TEMPERATURE SPECIFICATIONS
NMOS Peak Switch Current
Limit
IN(MAX)
600
850
mA
Note 5
VOUT Accuracy
VOUT%
-3
+3
%
Includes Line and Load
Regulation; VIN = 1.5V
Line Regulation
V
OUT/
VOUT) /
V
IN|
-1
0.01
1
%/V
VIN = 1.5V to 3V
IOUT = 25 mA
Load Regulation
V
OUT /
VOUT|
-1
0.01
1
%IOUT = 25 mA to 100 mA;
VIN = 1.5V
Maximum Duty Cycle
DCMAX
88
90
%
Switching Frequency
fSW
425
500
575
kHz
EN Input Logic High
VIH
90
——
%of VIN IOUT = 1 mA
EN Input Logic Low
VIL
——
20
%of VIN IOUT = 1 mA
EN Input Leakage Current
IENLK
0.005
µA
VEN = 5V
Soft-start Time
tSS
750
µS
EN Low to High, 90% of
VOUT; Note 4
Thermal Shutdown Die
Temperature
TSD
150
C
Die Temperature Hysteresis
TSDHYS
10
C
Electrical Specifications:
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
-40
+125
°C
Steady State
Storage Temperature Range
TA
-65
+150
°C
Maximum Junction Temperature
TJ
+150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 5L-TSOT23
JA
192
°C/W
EIA/JESD51-3 Standard
Thermal Resistance, 8L-2x3 DFN
JA
—93
°C/W
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT =3.3V, IOUT =15 mA,
TA = +25°C.
Boldface specifications apply over the TA range of -40
oC to +85oC.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
3.3 K
 resistive load, 3.3V
OUT (1 mA).
2:
For VIN > VOUT, VOUT will not remain in regulation.
3:
IQ is measured from VOUT; VIN quiescent current will vary with boost ratio. VIN quiescent current can be
estimated by: (IQPFM * (VOUT/VIN)), (IQPWM * (VOUT/VIN)).
4:
220
 resistive load, 3.3V
OUT (15 mA).
5:
Peak current limit determined by characterization, not production tested.


Similar Part No. - MCP1640T-ICHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results

Similar Description - MCP1640T-ICHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
   High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com