Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1640T-ICHY Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP1640T-ICHY
Description  0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640T-ICHY Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP1640T-ICHY Datasheet HTML 24Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 25Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 26Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 27Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 28Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 29Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 30Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 31Page - Microchip Technology MCP1640T-ICHY Datasheet HTML 32Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
 2010 Microchip Technology Inc.
DS22234A-page 29
MCP1640/B/C/D
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Examples:
a)
MCP1640-I/MC:
0.65V, Sync Reg.,
8LD-DFN pkg.
b)
MCP1640T-I/MC:
Tape and Reel,
0.65V, Sync Reg.,
8LD-DFN pkg.
c)
MCP1640B-I/MC:
0.65V, Sync Reg.,
8LD-DFN pkg.
d)
MCP1640BT-I/MC:
Tape and Reel,
0.65V, Sync Reg.,
8LD-DFN pkg.
e)
MCP1640C-I/MC:
0.65V, Sync Reg.,
8LD-DFN pkg.
f)
MCP1640CT-I/MC:
Tape and Reel,
0.65V, Sync Reg.,
8LD-DFN pkg.
g)
MCP1640D-I/MC::
0.65V, Sync Reg.,
8LD-DFN pkg.
h)
MCP1640DT-I/MC::
Tape and Reel,
0.65V, Sync Reg.,
8LD-DFN pkg.
i)
MCP1640T-I/CHY:
Tape and Reel,
0.65V, Sync Reg.,
6LD SOT-23 pkg.
j)
MCP1640BT-I/CHY: Tape and Reel,
0.65V, Sync Reg.,
6LD SOT-23 pkg.
k)
MCP1640CT-I/CHY: Tape and Reel,
0.65V, Sync Reg.,
6LD SOT-23 pkg.
l)
MCP1640DT-I/CHY: Tape and Reel,
0.65V, Sync Reg.,
6LD SOT-23 pkg.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device
MCP1640:
0.65V, PWM/PFM True Disconnect,
Sync Boost Regulator
MCP1640T:
0.65V, PWM/PFM True Disconnect,
Sync Boost Regulator (Tape and Reel)
MCP1640B:
0.65V, PWM Only True Disconnect,
Sync Boost Regulator
MCP1640BT: 0.65V, PWM Only True Disconnect,
Sync Boost Regulator (Tape and Reel)
MCP1640C:
0.65V, PWM/PFM Input to Output Bypass,
Sync Boost Regulator
MCP1640CT: 0.65V, PWM/PFM Input to Output Bypass,
Sync Boost Regulator (Tape and Reel)
MCP1640D:
0.65V, PWM Only Input to Output Bypass,
Sync Boost Regulator
MCP1640DT: 0.65V, PWM Only Input to Output Bypass,
Sync Boost Regulator (Tape and Reel)
Temperature Range
I
= -40
C to +85C
(Industrial)
Package
CH = Plastic Small Outline Transistor (SOT-23), 6-lead
MC = Plastic Dual Flat, No Lead (2x3 DFN), 8-lead
X
Tape
and Reel


Similar Part No. - MCP1640T-ICHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640T-ICHY MICROCHIP-MCP1640T-ICHY Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results

Similar Description - MCP1640T-ICHY

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
600mA Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com