Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFM06P3-212 Datasheet(PDF) 3 Page - Alpha Industries

Part # AFM06P3-212
Description  Ka Band Power GaAs MESFET Chips
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AFM06P3-212 Datasheet(HTML) 3 Page - Alpha Industries

  AFM06P3-212 Datasheet HTML 1Page - Alpha Industries AFM06P3-212 Datasheet HTML 2Page - Alpha Industries AFM06P3-212 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ka Band Power GaAs MESFET Chips
AFM06P3-212, AFM06P3-213
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 6/99A
212
0.005 (0.13 mm)
4 PLACES
0.036 (0.91 mm)
0.070 (1.78 mm)
0.070 (1.78 mm)
4 PLACES
0.020 (0.51 mm)
2 PLACES
DRAIN
SOURCE
GATE
SOURCE
45˚
0.067
(1.70 mm)
MAX.
213
0.005 (0.13 mm)
4 PLACES
0.036 (0.91 mm)
2 PLACES
0.07 (1.78 mm)
0.027 (0.70 mm)
4 PLACES
0.020 (0.51 mm)
2 PLACES
DRAIN
SOURCE
GATE
SOURCE
45˚
0.067
(1.70 mm)
Max.


Similar Part No. - AFM06P3-212

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFM06P2-000 ALPHA-AFM06P2-000 Datasheet
19Kb / 3P
Ka Band Power GaAs MESFET Chip
logo
Skyworks Solutions Inc.
AFM06P2-212 SKYWORKS-AFM06P2-212 Datasheet
25Kb / 2P
Ka Band Power GaAs MESFET
More results

Similar Description - AFM06P3-212

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFM04P2-000 ALPHA-AFM04P2-000 Datasheet
43Kb / 3P
Ka Band Power GaAs MESFET Chip
AFM04P3-212 ALPHA-AFM04P3-212 Datasheet
25Kb / 3P
Low Noise/Medium Power GaAs MESFET Chips
AFM06P2-000 ALPHA-AFM06P2-000 Datasheet
19Kb / 3P
Ka Band Power GaAs MESFET Chip
AFM08P2-000 ALPHA-AFM08P2-000 Datasheet
19Kb / 3P
Ka Band Power GaAs MESFET Chip
AFM04P3-213 ALPHA-AFM04P3-213 Datasheet
37Kb / 3P
Low Noise/Medium Power GaAs MESFET Chips
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
C-BAND POWER GAAS MESFET
logo
Mimix Broadband
CF005 MIMIX-CF005 Datasheet
797Kb / 5P
Broadband Power GaAs MESFET Chips
CF005 MIMIX-CF005_06 Datasheet
516Kb / 4P
Broadband Power GaAs MESFET Chips
CF010 MIMIX-CF010_06 Datasheet
516Kb / 4P
Broadband Power GaAs MESFET Chips
logo
Skyworks Solutions Inc.
AFM06P2-212 SKYWORKS-AFM06P2-212 Datasheet
25Kb / 2P
Ka Band Power GaAs MESFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com