Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFM06P3-212 Datasheet(PDF) 1 Page - Alpha Industries

Part # AFM06P3-212
Description  Ka Band Power GaAs MESFET Chips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AFM06P3-212 Datasheet(HTML) 1 Page - Alpha Industries

  AFM06P3-212 Datasheet HTML 1Page - Alpha Industries AFM06P3-212 Datasheet HTML 2Page - Alpha Industries AFM06P3-212 Datasheet HTML 3Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 6/99A
Ka Band Power GaAs MESFET Chips
Features
s 22 dBm Output Power @ 18 GHz
s High Associated Gain, 9 dB @ 18 GHz
s High Power Added Efficiency, 23%
s Broadband Operation, DC–18 GHz
s 0.25
µm Ti/Pd/Au Gates
s Passivated Surface
Description
The AFM06P3-212, 213 are high performance power
GaAs MESFET chips in an industry standard ceramic
micro-x package, having a gate length of 0.25
µm and a
total gate periphery of 600
µm. These devices have
excellent gain and power performance through 26 GHz,
making them suitable for a wide range of commercial and
military applications in oscillator and amplifier circuits. They
employ Ti/Pd/Au gate metallization and surface
passivation to ensure a rugged, reliable part.
AFM06P3-212, AFM06P3-213
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Saturated Drain Current (IDSS)
130.0
200.0
270.0
mA
Transconductance (gm)
VDS = 2 V, VGS = 0 V
90.0
120.0
mS
Pinch-Off Voltage (VP)VDS = 5 V, IDS = 1.5 mA
1.0
3.0
5.0
V
Gate to Drain Breakdown
IGD = 600 µA
8.0
12.0
V
Voltage (Vbgd)
Output Power at 1 dB
22.0
dBm
Compression (P1 dB)
Gain at 1 dB Compression (G1 dB)
VDS = 5 V, IDS = 70 mA, F = 18 GHz
9.0
dB
Power Added Efficiency (
ηadd)
23.0
%
Electrical Specifications at 25°C
Source
Gate
Source
Drain
Drain
Source
Gate
Source
212
213
Characteristic
Value
Drain to Source Voltage (VDS)
6 V
Gate to Source Voltage (VGS)
-4 V
Drain Current (IDS)
IDSS
Gate Current (IGS)
1 mA
Total Power Dissipation (PT)
1.1 W
Storage Temperature (TST)
-65 to +150°C
Channel Temperature (TCH)
175°C
Absolute Maximum Ratings


Similar Part No. - AFM06P3-212

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFM06P2-000 ALPHA-AFM06P2-000 Datasheet
19Kb / 3P
   Ka Band Power GaAs MESFET Chip
logo
Skyworks Solutions Inc.
AFM06P2-212 SKYWORKS-AFM06P2-212 Datasheet
25Kb / 2P
   Ka Band Power GaAs MESFET
More results

Similar Description - AFM06P3-212

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AFM06P2-212 SKYWORKS-AFM06P2-212 Datasheet
25Kb / 2P
   Ka Band Power GaAs MESFET
logo
Alpha Industries
AFM08P2-000 ALPHA-AFM08P2-000 Datasheet
19Kb / 3P
   Ka Band Power GaAs MESFET Chip
AFM04P2-000 ALPHA-AFM04P2-000 Datasheet
43Kb / 3P
   Ka Band Power GaAs MESFET Chip
AFM06P2-000 ALPHA-AFM06P2-000 Datasheet
19Kb / 3P
   Ka Band Power GaAs MESFET Chip
logo
Mimix Broadband
CF005 MIMIX-CF005_06 Datasheet
516Kb / 4P
   Broadband Power GaAs MESFET Chips
CF005 MIMIX-CF005 Datasheet
797Kb / 5P
   Broadband Power GaAs MESFET Chips
CF010 MIMIX-CF010_06 Datasheet
516Kb / 4P
   Broadband Power GaAs MESFET Chips
logo
Alpha Industries
AFM04P3-212 ALPHA-AFM04P3-212 Datasheet
25Kb / 3P
   Low Noise/Medium Power GaAs MESFET Chips
logo
NEC
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
logo
Alpha Industries
AFM04P3-213 ALPHA-AFM04P3-213 Datasheet
37Kb / 3P
   Low Noise/Medium Power GaAs MESFET Chips
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com