Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3304ADD Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3304ADD
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304ADD Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3304ADD Datasheet HTML 4Page - Monolithic Power Systems MP3304ADD Datasheet HTML 5Page - Monolithic Power Systems MP3304ADD Datasheet HTML 6Page - Monolithic Power Systems MP3304ADD Datasheet HTML 7Page - Monolithic Power Systems MP3304ADD Datasheet HTML 8Page - Monolithic Power Systems MP3304ADD Datasheet HTML 9Page - Monolithic Power Systems MP3304ADD Datasheet HTML 10Page - Monolithic Power Systems MP3304ADD Datasheet HTML 11Page - Monolithic Power Systems MP3304ADD Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
9
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP3304C
VIN
5V
Enable/
Dimming
Control
LED1
LED2
LED3
LED28
LED29
LED30
IN
EN
GND
LED
ISET
SW
String 1
String 10
...
C1
10uF
C2
2.2uF
L1
2uH
D1
B0530
Figure 4 — Driving 30 WLEDs (3 WLEDs in Series and 10 Strings Paralleled) with 5V Input Voltage
MP3304A
SW
IN
ISET
LED
PGND
GND
EN
VIN
Bias
EN
GND
C2
4.7uF
16V
C1
4.7uF
16V
L1
4.7uH
5V
D1
B0540
C5
0.47uF
50V
LED+
LED-
C3
0.1uF
C4
NS
R4
NS
R3
3.32
1%
R2
0
R1
100
U1
JP1
5
8
7
6
2
1
3
Figure 5 — Driving 27 WLEDs (9 WLEDs in Series and 3 Strings Paralleled) with 5V Input Voltage


Similar Part No. - MP3304ADD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3304CDD MPS-MP3304CDD Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3304ADD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3305 MPS-MP3305 Datasheet
294Kb / 11P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com