Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3304ADD Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3304ADD
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304ADD Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3304ADD Datasheet HTML 2Page - Monolithic Power Systems MP3304ADD Datasheet HTML 3Page - Monolithic Power Systems MP3304ADD Datasheet HTML 4Page - Monolithic Power Systems MP3304ADD Datasheet HTML 5Page - Monolithic Power Systems MP3304ADD Datasheet HTML 6Page - Monolithic Power Systems MP3304ADD Datasheet HTML 7Page - Monolithic Power Systems MP3304ADD Datasheet HTML 8Page - Monolithic Power Systems MP3304ADD Datasheet HTML 9Page - Monolithic Power Systems MP3304ADD Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
6
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP3304 uses a constant frequency, peak
current mode boost regulator architecture to
regulate the series string of white LEDs. The
operation of the MP3304 can be understood by
referring to the block diagram of Figure 1.
At the start of each oscillator cycle the FET is
turned on through the control circuitry. To
prevent sub-harmonic oscillations at duty cycles
greater than 50 percent, a stabilizing ramp is
added to the output of the current sense
amplifier and the result is fed into the positive
input of the PWM comparator. When this
voltage equals the output voltage of the error
amplifier the power FET is turned off.
The voltage at the output of the error amplifier
is an amplified version of the difference
between the 200mV reference voltage and the
feedback voltage. In this way the peak current
level keeps the output in regulation.
If the feedback voltage starts to drop, the output
of the error amplifier increases. This results in
more current flowing through the power FET,
thus increasing the power delivered to the
output.
PWM
COMPARATOR
AMPLIFIER
Enable
CONTROL
LOGIC
CURRENT
SENSE
AMPLIFIER
SW
M1
GND
-
+
LED
ISET
ISET
EN
2.2MHz
OSC
ENABLE &
DIMMING
CONTROL
-
+
+
-
+
200mV
M2
Figure 1—Functional Block Diagram


Similar Part No. - MP3304ADD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3304CDD MPS-MP3304CDD Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3304ADD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3305 MPS-MP3305 Datasheet
294Kb / 11P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com