Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3304ADD Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3304ADD
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3304ADD Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3304ADD Datasheet HTML 1Page - Monolithic Power Systems MP3304ADD Datasheet HTML 2Page - Monolithic Power Systems MP3304ADD Datasheet HTML 3Page - Monolithic Power Systems MP3304ADD Datasheet HTML 4Page - Monolithic Power Systems MP3304ADD Datasheet HTML 5Page - Monolithic Power Systems MP3304ADD Datasheet HTML 6Page - Monolithic Power Systems MP3304ADD Datasheet HTML 7Page - Monolithic Power Systems MP3304ADD Datasheet HTML 8Page - Monolithic Power Systems MP3304ADD Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP3304 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING
MP3304 Rev. 0.91
www.MonolithicPower.com
5
4/19/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, ILED = 200mA, 3WLEDs 10Strings, unless otherwise noted.
Open Load Protection
PWM Dimming
fPWM=50kHz, DPWM=50%
Steady State Operation
Enable Startup
Enable Shutdown
IINDUCTOR
500mA/div
FB
50mV/div
VOUT (AC)
200mV/div
SW
5V/div
ILED
100mA/div
EN
2V/div
VOUT
2V/div
SW
10V/div
ILED
100mA/div
VOUT
5V/div
SW
10V/div
ILED
100mA/div
EN
2V/div
VOUT
2V/div
SW
10V/div
ILED
100mA/div
PWM
2V/div
VOUT
10V/div
SW
10V/div
400ns/div
VIN vs. Efficiency
50
60
70
80
90
100
3 3.5
4 4.5
5 5.5
6 6.5
VIN (V)
PWM Dimming Duty vs.
WLED Current
0
20
40
60
80
100
120
140
160
180
200
020
40
60
80
100
PWM DIMMING DUTY (%)
50kHz
20kHz
250Hz
1kHz


Similar Part No. - MP3304ADD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3304CDD MPS-MP3304CDD Datasheet
132Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3304ADD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3305 MPS-MP3305 Datasheet
294Kb / 11P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com