Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1220 Datasheet(PDF) 12 Page - Asahi Kasei Microsystems

Part # AK1220
Description  900MHz High Linearity Mixer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1220 Datasheet(HTML) 12 Page - Asahi Kasei Microsystems

Back Button AK1220 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 13Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 14Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 15Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 16Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
[AK1220]
4. RF input frequency vs. IIP3, NF, P1dB, Gain
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
100 200 300 400 500 600 700 800 900 1000
RF Frequency [MHz]
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
16.0
100 200 300 400 500 600 700 800 900 1000
RF Frequency [MHz]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
100 200 300 400 500 600 700 800 900 1000
RF Frequency [MHz]
-5.0
-4.0
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
100 200 300 400 500 600 700 800 900 1000
RF Frequency [MHz]
BIAS=22kohm
BIAS=56kohm
BIAS=22kohm
BIAS=56kohm
BIAS=22kohm
BIAS=56kohm
BIAS=22kohm
BIAS=56kohm
Fig. 7
RF input frequency vs. IIP3, NF, P1dB, Gain
Note 1) AK1220 supports 100MHz to 900MHz RF Input.
MS1165-E-01
12
2010/11


Similar Part No. - AK1220

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
More results

Similar Description - AK1220

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
   900Mhz low Power Mixer
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
   High Linearity Integrated GaAs Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com