Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1220 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK1220
Description  900MHz High Linearity Mixer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1220 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK1220 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1220 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
[AK1220]
AK1220
900MHz High Linearity Mixer
1. Overview
The AK1220 is high linearity mixer. RF and Lo frequency range coverage from 100 to 900MHz and IF coverage is
from 20 to 100MHz. The RF input provides single-ended 50
Ω interface. Lo ports are 50Ω matched and
complementary inputs should be decoupled to the ground. IF output ports are differential open drain outputs.
The linearity and Power consumption performances can optimize with the resistance connected to the BIAS Pin.
2. Features
Operating Frequency:
100 to 900MHz
Linearity vs Power Selectable architecture
Power Consumption: 17mA, IIP3:+22dBm, Gain:1dB, NF:10.5dB
Power Consumption: 9mA, IIP3:+11dBm, Gain:0.5dB, NF:10dB
Lo input level:
0dBm±5dB
Operating Supply Voltage:
4.75 to 5.25 V
Package:
16pin UQFN(0.5mm pitch, 3mm x 3mm x 0.60mm)
Operating Temperature Range:
-40 to 85
°C
MS1165-E-01
1
2010/11


Similar Part No. - AK1220

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
More results

Similar Description - AK1220

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1222 AKM-AK1222 Datasheet
661Kb / 27P
   900MHz Low Power Mixer
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
   900Mhz low Power Mixer
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
   High Linearity Integrated GaAs Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com