Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1222 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK1222
Description  900MHz Low Power Mixer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1222 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK1222 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
[AK1222]
MS1314-E-01
2013/05
- 1 -
AK1222
900MHz Low Power Mixer
1. Overview
The AK1222 is a low power mixer. RF and LO frequency range coverage from 100 to 900MHz and IF coverage is
from 20 to 100MHz. The RF input provides single-ended 50
 interface. LO ports are 50 matched and
complementary inputs should be decoupled to the ground. IF output ports are differential open drain outputs.
The linearity and power consumption performances can optimize with the resistance connected to the BIAS pin.
2. Features
Operating Frequency:
100 to 900MHz
Linearity vs Power Selectable architecture
Power Consumption:5.3mA, IIP3:+11dBm, Gain:-2dB, NF:12dB
Power Consumption:2.9mA, IIP3:+2dBm, Gain:-3.5dB, NF:11.5dB
LO input level:
0dBm±5dB
Operating Supply Voltage:
4.75 to 5.25 V
Package:
16pin UQFN (0.5mm pitch, 3mm x 3mm x 0.60mm)
Operating Temperature Range:
-40 to 85
C


Similar Part No. - AK1222

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
   900Mhz low Power Mixer
More results

Similar Description - AK1222

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
   900Mhz low Power Mixer
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
   900MHz Low Noise Mixer
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
RF Micro Devices
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
   900MHZ 3V LOW CURRENT LNA/MIXER
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com