Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1222 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK1222
Description  900MHz Low Power Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1222 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK1222 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1222 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
[AK1222]
MS1314-E-01
2013/05
- 5 -
5. Pin Functional Description
Table 1 Pin Function
No.
Name
I/O
Pin Functions
Remarks
1
RFIN
AI
RF Input
Connecting an inductor between this pin and ground.
2
VSS
G
Ground pin
3
LOINN
AI
LO Input Negative
4
LOINP
AI
LO Input Positive
5
NC
-
Non Connect
6
NC
-
Non Connect
7
NC
-
Non Connect
8
NC
-
Non Connect
9
BIAS
AIO
Resistance pin for current
adjustment
Connecting a resistor between this pin and ground.
10
VDD
P
Power Supply
11
IFOUTN
AO
IF Output Negative
This pin is open drain output.
It needs power feeding via an inductor.
12
IFOUTP
AO
IF Output Positive
This pin is open drain output.
It needs power feeding via an inductor.
13
NC
-
Non Connect
14
NC
-
Non Connect
15
NC
-
Non Connect
16
NC
-
Non Connect
Note) It is recommended to connect NC pins to ground, although it will not make any impact on the electrical
characteristics if the pin is open.
AI: Analog input pin
AO: Analog output pin
AIO: Analog I/O pin
P: Power supply pin
G: Ground pin


Similar Part No. - AK1222

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
900Mhz low Power Mixer
More results

Similar Description - AK1222

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2495 RFMD-RF2495 Datasheet
1Mb / 6P
900MHZ 3V LOW CURRENT LNA/MIXER
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224 Datasheet
645Kb / 20P
900MHz Low Noise Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
900MHz High Linearity Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
900MHz Low Noise Mixer
AK1222 AKM-AK1222_17 Datasheet
1,014Kb / 33P
900Mhz low Power Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
900Mhz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com