Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1224 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK1224
Description  900MHz Low Noise Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1224 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK1224 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 9Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 10Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 11Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 12Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 13Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 14Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
[AK1224]
MS1413-E-01
11
2013/05
5.
IF input frequency vs. IIP3, NF, Gain
8
10
12
14
16
18
20
22
20
30
40
50
60
70
80
90
100
IF [MHz]
6
7
8
9
10
11
20
30
40
50
60
70
80
90
100
IF [MHz]
-4
-2
0
2
4
6
8
10
12
20
30
40
50
60
70
80
90
100
IF [MHz]
-4
-2
0
2
4
6
8
20
30
40
50
60
70
80
90
100
IF [MHz]
Fig. 7
IF input frequency vs. IIP3, NF, Gain
Resistance for current adjustment
22kohm
27kohm
100kohm


Similar Part No. - AK1224

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
More results

Similar Description - AK1224

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com