Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1224 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK1224
Description  900MHz Low Noise Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1224 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK1224 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1224 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
[AK1224]
MS1413-E-01
4
2013/05
5.
Pin Function Description
Table 1
Pin Function
No.
Name
I/O
Pin Function
Remarks
1
RFIN
AI
RF Input
Connecting a inductor between this pin and ground.
2
VSS
G
Ground pin
3
VSS
G
Ground pin
4
LOINN
AI
Lo Input Negative
5
LOINP
AI
Lo Input Positive
6
BIAS1
AIO
Resistance pin for current
adjustment
Connecting a resistor between this pin and ground.
7
BIAS2
AIO
Resistance pin for current
adjustment
Connecting a resistor between this pin and ground.
8
VDD
P
Power Supply
VDD
9
VDD
P
Power Supply
VDD
10
VDD
P
Power Supply
VDD
11
IFOUTN
AO
IF Output Negative
This pin is open drain output.
It needs power feeding via an inductor.
12
IFOUTP
AO
IF Output Positive
This pin is open drain output.
It needs power feeding via an inductor.
13
VSS
G
Ground pin
14
POWER
DOWN_H
DI
Power Down control pin
High:Power OFF
Low:Power ON
15
BIAS
SELECT
DI
Bias Resistance select pin
High:Bias2 pin is enable
Low:Bias1pin is enable
16
VSS
G
Ground pin
Note)
The exposed pad at the center of the backside should be connected to ground.
AI:Analog input pin
AO:Analog output pin
AIO:Analog I/O pin
P: Power supply pin
G:
Ground pin
DI:Digital input pin


Similar Part No. - AK1224

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
More results

Similar Description - AK1224

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1224 AKM-AK1224_17 Datasheet
958Kb / 26P
   900MHz Low Noise Mixer
logo
RF Micro Devices
RF2861 RFMD-RF2861_1 Datasheet
318Kb / 16P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861 Datasheet
173Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_12 Datasheet
773Kb / 15P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2870 RFMD-RF2870 Datasheet
400Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2861 RFMD-RF2861_06 Datasheet
124Kb / 14P
   CDMA LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
RF2461 RFMD-RF2461 Datasheet
365Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
logo
Maxim Integrated Produc...
MAX2685 MAXIM-MAX2685 Datasheet
188Kb / 10P
   Low-Cost, 900MHz, Low-Noise Amplifier and Downconverter Mixer
19-1493; Rev 0; 7/99
logo
RF Micro Devices
RF2449 RFMD-RF2449 Datasheet
288Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHZ DOWNCONVERTER
RF2461 RFMD-RF2461_1 Datasheet
585Kb / 14P
   CDMA/FM LOW NOISE AMPLIFIER/MIXER 900MHz DOWNCONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com