Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCJB107M0020070 Datasheet(PDF) 4 Page - AVX Corporation

Part # TCJB107M0020070
Description  Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TCJB107M0020070 Datasheet(HTML) 4 Page - AVX Corporation

  TCJB107M0020070 Datasheet HTML 1Page - AVX Corporation TCJB107M0020070 Datasheet HTML 2Page - AVX Corporation TCJB107M0020070 Datasheet HTML 3Page - AVX Corporation TCJB107M0020070 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TCJ Series
Tantalum Solid Electrolytic Chip Capacitors
with Conductive Polymer Electrode
RATINGS & PART NUMBER REFERENCE
Voltage Derating vs Temperature Recommendation
100%
100%
83%
67%
80%
67%
53%
80%
0%
20%
40%
60%
80%
100%
120%
-55°C
0°C
85°C
105°C
125°C
rated range
recommended derating
Moisture Sensitivity Level (MSL) is defined according to J-STD-020.
All technical data relates to an ambient temperature of +25ºC. Capacitance and DF
are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated
voltage after 5 minutes.
ESR allowed to move up to 1.25 times catalog limit post mounting.
For typical weight and composition see page 124.
NOTE: AVX reserves the right to supply a higher voltage rating or tighter
tolerance part in the same case size, to the same reliability standards.
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
125ºC
25ºC
85ºC
125ºC
TCJB226M010#0300
B
22
10
22.0
6
300
3
532
479
213
160
144
64
TCJT226M010#0150
T
22
10
22.0
6
150
3
730
657
292
110
99
44
TCJB336M010#0070
B
33
10
33.0
6
70
3
1102
992
441
77
69
31
TCJB336M010#0200
B
33
10
33.0
6
200
3
652
587
261
130
117
52
TCJC336M010#0100
C
33
10
33.0
6
100
3
1049
944
420
105
94
42
TCJT336M010#0070
T
33
10
33.0
6
70
3
1069
962
428
75
67
30
TCJT336M010#0150
T
33
10
33.0
6
150
3
730
657
292
110
99
44
TCJB476M010#0070
B
47
10
47.0
6
70
3
1102
992
441
77
69
31
TCJC476M010#0100
C
47
10
47.0
6
100
3
1049
944
420
105
94
42
16 Volt @ 85°C (10 Volt @ 125°C)
TCJA685M016#0200
A
6.8
16
10.9
6
200
3
612
551
245
122
110
49
TCJA106M016#0200
A
10
16
16.0
6
200
3
612
551
245
122
110
49
TCJB106M016#0200
B
10
16
16.0
6
200
3
652
587
261
130
117
52
TCJT106M016#0150
T
10
16
16.0
6
150
3
730
657
292
110
99
44
TCJT106M016#0200
T
10
16
16.0
6
200
3
632
569
253
126
114
51
TCJB156M016#0150
B
15
16
24.0
6
150
3
753
677
301
113
102
45
TCJB226M016#0150
B
22
16
35.2
6
150
3
753
677
301
113
102
45
Rated
DCL
DF
ESR
100kHz RMS Current (mA)
100kHz RMS Voltage (mV)
AVX
Case Capacitance Voltage
(μA)
%
Max. (mΩ) MSL
Part No.
Size
(μF)
(V)
Max.
Max. @100kHz
25ºC
85ºC
105ºC
25ºC
85ºC
105ºC
16 Volt @ 85°C (12.8 Volt @ 105°C)
TCJY336M016#0070
Y
33
16
52.8
6
70
3
1336
1203
869
94
84
61
TCJY476M016#0070
Y
47
16
75.2
6
70
3
1336
1203
869
94
84
61
20 Volt @ 85°C (16 Volt @ 105°C)
TCJY226M020#0070
Y
22
20
44.0
6
70
3
1336
1203
869
94
84
61
TCJY336M020#0070
Y
33
20
66.0
6
70
3
1336
1203
869
94
84
61
TCJY476M020#0070
Y
47
20
94.0
6
70
3
1336
1203
869
94
84
61
25 Volt @ 85°C (20 Volt @ 105°C)
TCJP105M025#0500
P
1.0
25
2.5
6
500
3
346
312
225
173
156
113
TCJB156M025#0100
B
15
25
37.5
10
100
3
922
830
599
92
83
60
TCJB226M025#0100
B
22
25
55.0
10
100
3
922
830
599
92
83
60
TCJY226M025#0070
Y
22
25
55.0
10
70
3
1336
1203
869
94
84
61
TCJY336M025#0100
Y
33
25
82.5
6
100
3
1118
1006
727
112
101
73
35 Volt @ 85°C (28 Volt @ 105°C)
TCJB106M035#0200
B
10
35
35.0
10
200
3
652
587
424
130
117
85
TCJC106M035#0200
C
10
35
35.0
6
200
3
742
667
482
148
133
96
TCJY106M035#0070
Y
10
35
35.0
6
70
3
1336
1203
869
94
84
61
50 Volt @ 85°C (40 Volt @ 105°C)
TCJB684M050#0300
B
0.68
50
3.4
6
300
3
532
479
346
160
144
104
TCJB105M050#0300
B
1.0
50
5.0
6
300
3
532
479
346
160
144
104
TCJB155M050#0300
B
1.5
50
7.5
6
300
3
532
479
346
160
144
104
TCJC155M050#0300
C
1.5
50
7.5
6
300
3
606
545
394
182
163
118
TCJC225M050#0300
C
2.2
50
11
6
300
3
606
545
394
182
163
118
TCJC335M050#0200
C
3.3
50
16.5
8
200
3
742
667
482
148
133
96
TCJC475M050#0200
C
4.7
50
23.5
8
200
3
742
667
482
148
133
96
TCJC685M050#0200
C
6.8
50
34.0
8
200
3
742
667
482
148
133
96
TCJD685M050#0120
D
6.8
50
34.0
10
120
3
1118
1006
727
134
121
87
TCJD106M050#0120
D
10
50
50.0
10
120
3
1118
1006
727
134
121
87
Voltage vs Temperature Rating
100%
80%
100%
80%
80%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
-55°C
0°C
40°C
60°C
85°C
105°C
Rated range
Recommended derating
50


Similar Part No. - TCJB107M0020070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M0020070 AVX-TCJB107M0020070 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results

Similar Description - TCJB107M0020070

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TCJB476M010R0070 AVX-TCJB476M010R0070 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M0020250 AVX-TCJA686M0020250 Datasheet
202Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJT476M006R0080 AVX-TCJT476M006R0080 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA686M002-0250 AVX-TCJA686M002-0250 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD106M050R0120 AVX-TCJD106M050R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJB107M006R0045 AVX-TCJB107M006R0045 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA476M006R0200 AVX-TCJA476M006R0200 Datasheet
109Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJD475M063R0120 AVX-TCJD475M063R0120 Datasheet
143Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
TCJA106M010R0300 AVX-TCJA106M010R0300 Datasheet
135Kb / 6P
   TCJ Series Tantalum solid Electrolytic Chip Capacitors With Conductive Polymer Electrode
TCJC686M006R0100 AVX-TCJC686M006R0100 Datasheet
215Kb / 6P
   TCJ Series Tantalum Solid Electrolytic Chip Capacitors with Conductive Polymer Electrode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com