Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2482DS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2482DS
Description  5A, 30V, 420kHz Step-Down Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2482DS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2482DS Datasheet HTML 1Page - Monolithic Power Systems MP2482DS Datasheet HTML 2Page - Monolithic Power Systems MP2482DS Datasheet HTML 3Page - Monolithic Power Systems MP2482DS Datasheet HTML 4Page - Monolithic Power Systems MP2482DS Datasheet HTML 5Page - Monolithic Power Systems MP2482DS Datasheet HTML 6Page - Monolithic Power Systems MP2482DS Datasheet HTML 7Page - Monolithic Power Systems MP2482DS Datasheet HTML 8Page - Monolithic Power Systems MP2482DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2482
5A, 30V, 420kHz
Step-Down Converter
MP2482 Rev.1.4
www.MonolithicPower.com
1
9/21/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2482 is a monolithic step-down switch
mode converter with a built in internal power
MOSFET. It achieves 5A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-cycle
current limiting and thermal shutdown.
The MP2482 requires a minimum number of
readily available standard external components
and is available in 8-pin SOIC package with and
without exposed pad.
FEATURES
• Wide 4.5V to 30V Operating Input Range
• 5A Output Current
• 50mΩ Internal Power MOSFET Switch
• Power Good Indicator
• Fixed 420kHz Frequency
• Synchronizable up to 1.5MHz
• Cycle-by-Cycle Over Current Protection with
hiccup
• Thermal Shutdown
• Output Adjustable from 0.81V
• Stable with Low ESR Output Ceramic
Capacitors
• Available in 8-Pin SOIC Package and
Thermally Enhanced 8-Pin SOIC Package
APPLICATIONS
Digital Set Top Boxes
Personal Video Recorders
Broadband Communications
Flat Panel Television and Monitors
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2482 SW
FB
BST
1
5
4
2
GND
IN
EN/SYNC
VOUT
3.3V @ 5A
VCC
D1
B530C
VIN
OFF ON
PG
VCC
8
7
6
3
Efficiency vs Output Current
VOUT=3.3V
OUTPUT CURRENT (A)
1
234
5
70
75
80
85
90
95
100
VIN=5V
VIN=30V
VIN=12V


Similar Part No. - MP2482DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2480 MPS-MP2480 Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
MP2480DN MPS-MP2480DN Datasheet
307Kb / 12P
5V, 36V Input, 3A High Power LED Driver
MP2480DN MPS-MP2480DN Datasheet
310Kb / 6P
Hysteretic Step Down High Power LED Driver
MP2481 MPS-MP2481 Datasheet
428Kb / 12P
36V, 1.2A, 1.4MHz White LED Driver
MP2481 MPS-MP2481 Datasheet
160Kb / 4P
1.2A, 36V, 1.4MHz White LED Driver Buck/Boost Halogen Replacement Evaluation Board
More results

Similar Description - MP2482DS

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3489 EUTECH-EUP3489 Datasheet
568Kb / 1P
5A,30V,500KHz Step-Down Converter
logo
Monolithic Power System...
MP38891 MPS-MP38891 Datasheet
399Kb / 13P
6A, 30V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP8670 MPS-MP8670 Datasheet
494Kb / 15P
6A, 30V, 420KHz Step-Down Converter with Synchronizable Gate Driver
MP38894 MPS-MP38894 Datasheet
405Kb / 10P
4.5A, 42V, 420kHz Step-Down Converter with Synchronizable Gate Driver
MP2380 MPS-MP2380 Datasheet
371Kb / 11P
5A, 21V, 600KHz Step-Down Converter
logo
Richtek Technology Corp...
RT8279 RICHTEK-RT8279 Datasheet
303Kb / 14P
5A, 36V, 500kHz Step-Down Converter
RT8289 RICHTEK-RT8289 Datasheet
337Kb / 13P
5A, 32V, 500kHz Step-Down Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3132 FOSLINK-FSP3132 Datasheet
198Kb / 6P
PWM CONTROL 5A STEP-DOWN CONVERTER
logo
Texas Instruments
LM73605 TI1-LM73605 Datasheet
114Kb / 9P
5A Synchronous Step-Down Voltage Converter
logo
Monolithic Power System...
MP38892 MPS-MP38892 Datasheet
368Kb / 10P
6A, 42V, 420KHz Step-Down Converter with Synchronizable Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com